Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08060 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC08060
Description  ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand- Hold
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08060 Datasheet(HTML) 4 Page - Texas Instruments

  ADC08060 Datasheet HTML 1Page - Texas Instruments ADC08060 Datasheet HTML 2Page - Texas Instruments ADC08060 Datasheet HTML 3Page - Texas Instruments ADC08060 Datasheet HTML 4Page - Texas Instruments ADC08060 Datasheet HTML 5Page - Texas Instruments ADC08060 Datasheet HTML 6Page - Texas Instruments ADC08060 Datasheet HTML 7Page - Texas Instruments ADC08060 Datasheet HTML 8Page - Texas Instruments ADC08060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADC08060
SNAS120H – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VA)
3.8V
Driver Supply Voltage (DR VD)
VA + 0.3V
Voltage on Any Input or Output Pin
−0.3V to VA
Reference Voltage (VRT, VRB)
VA to AGND
CLK, OE Voltage Range
−0.3V to
(VA + 0.3V)
Digital Output Voltage (VOH, VOL)
DR GND to DR VD
Input Current at Any Pin (4)
±25 mA
Package Input Current (4)
±50 mA
Power Dissipation at TA = 25°C
See (5)
ESD Susceptibility (6)
Human Body Model
2500V
Machine Model
250V
Soldering Temperature, Infrared,
10 seconds (7)
235°C
Storage Temperature
−65°C to +150°C
(1)
All voltages are measured with respect to GND = AGND = DR GND = 0V, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the input voltage at any pin exceeds the power supplies (that is, less than AGND or DR GND, or greater than VA or DR VD), the
current at that pin should be limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can
safely exceed the power supplies with an input current of 25 mA to two.
(5)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJmax − TA) / θJA. The values for maximum power dissipation will be reached only when this device is operated in a severe
fault condition (e.g., when input or output pins are driven beyond the power supply voltages, or the power supply polarity is reversed).
Obviously, such conditions should always be avoided.
(6)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO
Ohms.
(7)
See AN-450, “Surface Mounting Methods and Their Effect on Product Reliability” ().
Operating Ratings
(1) (2)
Operating Temperature Range
−40°C ≤ TA ≤ +85°C
Supply Voltage (VA)
+2.7V to +3.6V
Driver Supply Voltage (DR VD)
+2.4V to VA
Ground Difference |GND - DR GND|
0V to 300 mV
Upper Reference Voltage (VRT)
1.0V to (VA + 0.1V)
Lower Reference Voltage (VRB)
0V to (VRT − 1.0V)
VIN Voltage Range
VRB to VRT
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
All voltages are measured with respect to GND = AGND = DR GND = 0V, unless otherwise specified.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC08060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com