Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08060 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC08060
Description  ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand- Hold
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08060 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC08060 Datasheet HTML 9Page - Texas Instruments ADC08060 Datasheet HTML 10Page - Texas Instruments ADC08060 Datasheet HTML 11Page - Texas Instruments ADC08060 Datasheet HTML 12Page - Texas Instruments ADC08060 Datasheet HTML 13Page - Texas Instruments ADC08060 Datasheet HTML 14Page - Texas Instruments ADC08060 Datasheet HTML 15Page - Texas Instruments ADC08060 Datasheet HTML 16Page - Texas Instruments ADC08060 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ADC08060
www.ti.com
SNAS120H – OCTOBER 2000 – REVISED MARCH 2013
Specification Definitions
APERTURE (SAMPLING) DELAY is that time required after the fall of the clock input for the sampling switch to
open. The Sample/Hold circuit effectively stops capturing the input signal and goes into the “hold” mode tAD after
the clock goes low.
APERTURE JITTER is the variation in aperture delay from sample to sample. Aperture jitter shows up as noise
at the output.
CLOCK DUTY CYCLE is the ratio of the time that the clock waveform is at a logic high to the total time of one
clock period.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of the maximum deviation from the ideal step size of 1
LSB. Measured at 60 MSPS with a ramp input.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE BITS) is another method of specifying Signal-to-Noise
and Distortion Ratio, or SINAD. ENOB is defined as (SINAD – 1.76) / 6.02 and says that the converter is
equivalent to a perfect ADC of this (ENOB) number of bits.
FULL-POWER BANDWIDTH is the frequency at which the reconstructed output fundamental drops 3 dB below
its low frequency value for a full scale input.
FULL-SCALE ERROR is a measure of how far the last code transition is from the ideal 1½ LSB below VRT and
is defined as:
Vmax + 1.5 LSB – VRT
where
•
Vmax is the voltage at which the transition to the maximum (full scale) code occurs
(1)
INTEGRAL NON-LINEARITY (INL) is a measure of the deviation of each individual code from a line drawn from
zero scale (½ LSB below the first code transition) through positive full scale (½ LSB above the last code
transition). The deviation of any given code from this straight line is measured from the center of that code value.
The end point test method is used. Measured at 60 MSPS with a ramp input.
INTERMODULATION DISTORTION (IMD) is the creation of additional spectral components as a result of the
interaction between two sinusoidal frequencies that are applied to the ADC input at the same time. IMD is the
ratio of the power in the second and third order intermodulation products to the total power in the original
frequencies.
MISSING CODES are those output codes that are skipped and will never appear at the ADC outputs. These
codes cannot be reached with any input value.
POWER SUPPLY REJECTION RATIO (PSRR) is a measure of how well the ADC rejects a change in the power
supply voltage. For the ADC08060, PSRR1 is the ratio of the change in d.c. power supply voltage to the resulting
change in Full-Scale Error, expressed in dB. PSRR2 is a measure of how well an a.c. signal riding upon the
power supply is rejected and is here defined as:
where
•
SNR0 is the SNR measured with no noise or signal on the supply lines and SNR1 is the SNR measured with a
200 kHz, 200 mVP-P signal riding upon the supply lines
(2)
OUTPUT DELAY is the time delay after the rising edge of the input clock before the data changes at the output
pins.
OUTPUT HOLD TIME is the length of time that the output data is valid after the rise of the input clock.
PIPELINE DELAY (LATENCY) is the number of clock cycles between initiation of conversion and when that data
is presented to the output driver stage. New data is available at every clock cycle, but the data lags the
conversion by the Pipeline Delay plus the Output Delay.
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in dB, of the rms value of the input signal frequency at
the output to the rms value of the sum of all other spectral components below one-half the sampling frequency,
not including harmonics or d.c.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC08060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com