Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08060 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC08060
Description  ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand- Hold
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08060 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC08060 Datasheet HTML 6Page - Texas Instruments ADC08060 Datasheet HTML 7Page - Texas Instruments ADC08060 Datasheet HTML 8Page - Texas Instruments ADC08060 Datasheet HTML 9Page - Texas Instruments ADC08060 Datasheet HTML 10Page - Texas Instruments ADC08060 Datasheet HTML 11Page - Texas Instruments ADC08060 Datasheet HTML 12Page - Texas Instruments ADC08060 Datasheet HTML 13Page - Texas Instruments ADC08060 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADC08060
SNAS120H – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
VA = DR VD = 3V, fCLK = 60 MHz, fIN = 10 MHz, unless otherwise stated
SNR
Distortion
vs.
vs.
Clock Duty Cycle
Temperature
Figure 14.
Figure 15.
Distortion
Distortion
vs.
vs.
Supply Voltage
Sample Rate
Figure 16.
Figure 17.
Distortion
Distortion
vs.
vs.
Input Frequency
Clock Duty Cycle
Figure 18.
Figure 19.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC08060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com