Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14C080 Datasheet (PDF) - Texas Instruments

ADC14C080 Datasheet PDF - Texas Instruments
Part # ADC14C080
Download  ADC14C080 Download
File Size   885.32 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC14C080 14-Bit, 65/80 MSPS A/D Converter

ADC14C080 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC14C080 Datasheet PDF - Texas Instruments

Part # ADC14C080
Download  ADC14C080 Click to download

File Size   885.32 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC14C080 14-Bit, 65/80 MSPS A/D Converter

ADC14C080 Datasheet (HTML) - Texas Instruments


ADC14C080 Product details

1FEATURES
2• 1 GHz Full Power Bandwidth
• Internal Reference and Sample-and-Hold
Circuit
• Low Power Consumption
• Data Ready Output Clock
• Clock Duty Cycle Stabilizer
• Single +3.0V Supply Operation sample•
Power-Down Mode
• 32-pin WQFN Package, (5x5x0.8mm, 0.5mm
pin-pitch)

APPLICATIONS
• High IF Sampling Receivers
• Wireless Base Station Receivers
• Test and Measurement Equipment
• Communications Instrumentation
• Portable Instrumentation

KEY SPECIFICATIONS
• Resolution: 14 Bits
• Conversion Rate: 80 MSPS
• SNR (fIN = 170 MHz): 71 dBFS (typ)
• SFDR (fIN = 170 MHz): 86 dBFS (typ)
• Full Power Bandwidth: 1 GHz (typ)
• Power Consumption: 300 mW (typ)

DESCRIPTION
The ADC14C080 is a high-performance CMOS
analog-to-digital converter capable of converting
analog input signals into 14-bit digital words at rates
up to 80 Mega Samples Per Second (MSPS). This
converter uses a differential, pipelined architecture
with digital error correction and an on-chip sampleand-
hold circuit to minimize power consumption and
the external component count, while providing
excellent dynamic performance. A unique sample•
and-hold stage yields a full-power bandwidth of 1
GHz. The ADC14C080 may be operated from a single +3.0V power supply and consumes low power.
A separate +2.5V supply may be used for the digital
output interface which allows lower power operation
with reduced noise. A power-down feature reduces
the power consumption to very low levels while still
allowing fast wake-up time to full operation. The
differential inputs accept a 2V full scale differential
input swing. A stable 1.2V internal voltage reference
is provided, or the ADC14C080 can be operated with
an external 1.2V reference. Output data format (offset
binary versus 2's complement) and duty cycle
stabilizer are pin-selectable. The duty cycle stabilizer
maintains performance over a wide range of clock
duty cycles.
The ADC14C080 is available in a 32-lead WQFN
package and operates over the industrial temperature
range of −40°C to +85°C.




Similar Part No. - ADC14C080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14C080 NSC-ADC14C080 Datasheet
614Kb / 17P
14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Texas Instruments
ADC14C080 TI1-ADC14C080 Datasheet
1Mb / 30P
14-Bit, 65/80 MSPS A/D Converter
ADC14C080 TI1-ADC14C080 Datasheet
1Mb / 31P
65/80 MSPS A/D Converter
ADC14C080 TI2-ADC14C080 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
logo
National Semiconductor ...
ADC14C080CISQ NSC-ADC14C080CISQ Datasheet
614Kb / 17P
14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Similar Description - ADC14C080

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6644 AD-AD6644 Datasheet
1Mb / 19P
14-Bit, 40 MSPS/65 MSPS A/D Converter
AD9444 AD-AD9444 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
10/04-Revision 0
AD6645 AD-AD6645 Datasheet
2Mb / 20P
14-Bit, 80 MSPS A/D Converter
REV.0
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
14-Bit, 65/80/95/105 MSPS A/D Converter
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
12-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
logo
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
14-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
14-Bit, 80 MSPS, A/D Converter
Rev. 0
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
14-Bit, 40 MSPS/65 MSPS A/D Converter
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com