Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14C080 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC14C080
Description  ADC14C080 14-Bit, 65/80 MSPS A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14C080 Datasheet(HTML) 1 Page - Texas Instruments

  ADC14C080 Datasheet HTML 1Page - Texas Instruments ADC14C080 Datasheet HTML 2Page - Texas Instruments ADC14C080 Datasheet HTML 3Page - Texas Instruments ADC14C080 Datasheet HTML 4Page - Texas Instruments ADC14C080 Datasheet HTML 5Page - Texas Instruments ADC14C080 Datasheet HTML 6Page - Texas Instruments ADC14C080 Datasheet HTML 7Page - Texas Instruments ADC14C080 Datasheet HTML 8Page - Texas Instruments ADC14C080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
ADC14C080
www.ti.com
SNAS375C – SEPTEMBER 2006 – REVISED APRIL 2013
ADC14C080 14-Bit, 65/80 MSPS A/D Converter
Check for Samples: ADC14C080
1
FEATURES
DESCRIPTION
The ADC14C080 is a high-performance CMOS
2
•
1 GHz Full Power Bandwidth
analog-to-digital
converter
capable
of
converting
•
Internal Reference and Sample-and-Hold
analog input signals into 14-bit digital words at rates
Circuit
up to 80 Mega Samples Per Second (MSPS). This
•
Low Power Consumption
converter uses a differential, pipelined architecture
with digital error correction and an on-chip sample-
•
Data Ready Output Clock
and-hold circuit to minimize power consumption and
•
Clock Duty Cycle Stabilizer
the
external
component
count,
while
providing
•
Single +3.0V Supply Operation
excellent dynamic performance. A unique sample-
and-hold stage yields a full-power bandwidth of 1
•
Power-Down Mode
GHz. The ADC14C080 may be operated from a
•
32-pin WQFN Package, (5x5x0.8mm, 0.5mm
single +3.0V power supply and consumes low power.
pin-pitch)
A separate +2.5V supply may be used for the digital
output interface which allows lower power operation
APPLICATIONS
with reduced noise. A power-down feature reduces
•
High IF Sampling Receivers
the power consumption to very low levels while still
allowing fast wake-up time to full operation. The
•
Wireless Base Station Receivers
differential inputs accept a 2V full scale differential
•
Test and Measurement Equipment
input swing. A stable 1.2V internal voltage reference
•
Communications Instrumentation
is provided, or the ADC14C080 can be operated with
•
Portable Instrumentation
an external 1.2V reference. Output data format (offset
binary versus 2's complement) and duty cycle
stabilizer are pin-selectable. The duty cycle stabilizer
KEY SPECIFICATIONS
maintains performance over a wide range of clock
•
Resolution: 14 Bits
duty cycles.
•
Conversion Rate: 80 MSPS
The ADC14C080 is available in a 32-lead WQFN
•
SNR (fIN = 170 MHz): 71 dBFS (typ)
package and operates over the industrial temperature
•
SFDR (fIN = 170 MHz): 86 dBFS (typ)
range of
−40°C to +85°C.
•
Full Power Bandwidth: 1 GHz (typ)
•
Power Consumption: 300 mW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC14C080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14C080 NSC-ADC14C080 Datasheet
614Kb / 17P
14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Texas Instruments
ADC14C080 TI1-ADC14C080 Datasheet
1Mb / 30P
14-Bit, 65/80 MSPS A/D Converter
ADC14C080 TI1-ADC14C080 Datasheet
1Mb / 31P
65/80 MSPS A/D Converter
ADC14C080 TI2-ADC14C080 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
logo
National Semiconductor ...
ADC14C080CISQ NSC-ADC14C080CISQ Datasheet
614Kb / 17P
14-Bit, 65/80/95/105 MSPS A/D Converter
More results

Similar Description - ADC14C080

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6644 AD-AD6644 Datasheet
1Mb / 19P
14-Bit, 40 MSPS/65 MSPS A/D Converter
AD9444 AD-AD9444 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
10/04-Revision 0
AD6645 AD-AD6645 Datasheet
2Mb / 20P
14-Bit, 80 MSPS A/D Converter
REV.0
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
14-Bit, 65/80/95/105 MSPS A/D Converter
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
12-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
logo
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
14-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
14-Bit, 80 MSPS, A/D Converter
Rev. 0
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
14-Bit, 40 MSPS/65 MSPS A/D Converter
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com