Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14C080 Datasheet(PDF) 14 Page - Texas Instruments

Part # ADC14C080
Description  ADC14C080 14-Bit, 65/80 MSPS A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14C080 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC14C080 Datasheet HTML 10Page - Texas Instruments ADC14C080 Datasheet HTML 11Page - Texas Instruments ADC14C080 Datasheet HTML 12Page - Texas Instruments ADC14C080 Datasheet HTML 13Page - Texas Instruments ADC14C080 Datasheet HTML 14Page - Texas Instruments ADC14C080 Datasheet HTML 15Page - Texas Instruments ADC14C080 Datasheet HTML 16Page - Texas Instruments ADC14C080 Datasheet HTML 17Page - Texas Instruments ADC14C080 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADC14C080
SNAS375C – SEPTEMBER 2006 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics DNL, INL
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = +3.0V, VDR = +2.5V, Internal VREF
= +1.2V, fCLK = 80 MHz, 50% Duty Cycle, DCS disabled, VCM = VCMO, CL = 5 pF/pin. TA = 25°C.
DNL
INL
Figure 5.
Figure 6.
DNL vs. fCLK
INL vs. fCLK
Figure 7.
Figure 8.
DNL vs. Temperature
INL vs. Temperature
Figure 9.
Figure 10.
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC14C080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com