Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14C080 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC14C080
Description  ADC14C080 14-Bit, 65/80 MSPS A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14C080 Datasheet(HTML) 4 Page - Texas Instruments

  ADC14C080 Datasheet HTML 1Page - Texas Instruments ADC14C080 Datasheet HTML 2Page - Texas Instruments ADC14C080 Datasheet HTML 3Page - Texas Instruments ADC14C080 Datasheet HTML 4Page - Texas Instruments ADC14C080 Datasheet HTML 5Page - Texas Instruments ADC14C080 Datasheet HTML 6Page - Texas Instruments ADC14C080 Datasheet HTML 7Page - Texas Instruments ADC14C080 Datasheet HTML 8Page - Texas Instruments ADC14C080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
DRGND
VDR
DGND
VA
ADC14C080
SNAS375C – SEPTEMBER 2006 – REVISED APRIL 2013
www.ti.com
Pin Descriptions and Equivalent Circuits (continued)
Pin No.
Symbol
Equivalent Circuit
Description
Digital data output pins that make up the 14-bit conversion result. D0
13-19,
D0–D13
(pin 13) is the LSB, while D13 (pin 29) is the MSB of the output
23-29
word. Output levels are CMOS compatible.
Data Ready Strobe. The data output transition is synchronized with
21
DRDY
the falling edge of this signal. This signal switches at the same
frequency as the CLK input.
ANALOG POWER
Positive analog supply pins. These pins should be connected to a
3, 8, 10
VA
quiet voltage source and be bypassed to AGND with 0.1 µF
capacitors located close to the power pins.
The ground return for the analog supply.
4, 7, 9,
AGND
The exposed pad on back of package must be soldered to ground
Exposed Pad
plane to ensure rated performance.
DIGITAL POWER
Positive driver supply pin for the output drivers. This pin should be
20
VDR
connected to a quiet voltage source and be bypassed to DRGND
with a 0.1 µF capacitor located close to the power pin.
The ground return for the digital output driver supply. This pins
22
DRGND
should be connected to the system digital ground, but not be
connected in close proximity to the ADC's AGND pins.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC14C080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com