Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14C080 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC14C080
Description  ADC14C080 14-Bit, 65/80 MSPS A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14C080 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC14C080 Datasheet HTML 2Page - Texas Instruments ADC14C080 Datasheet HTML 3Page - Texas Instruments ADC14C080 Datasheet HTML 4Page - Texas Instruments ADC14C080 Datasheet HTML 5Page - Texas Instruments ADC14C080 Datasheet HTML 6Page - Texas Instruments ADC14C080 Datasheet HTML 7Page - Texas Instruments ADC14C080 Datasheet HTML 8Page - Texas Instruments ADC14C080 Datasheet HTML 9Page - Texas Instruments ADC14C080 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADC14C080
SNAS375C – SEPTEMBER 2006 – REVISED APRIL 2013
www.ti.com
ADC14C080 Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = +3.0V, VDR = +2.5V, Internal VREF
= +1.2V, fCLK = 80 MHz, 50% Duty Cycle, DCS Disabled, VCM = VCMO, CL = 5 pF/pin. Typical values are for TA = 25°C.
Boldface limits apply for TMIN ≤ TA ≤ TMAX. All other limits apply for TA = 25°C
(1) (2)
Units
Parameter
Test Conditions
Typical(3)
Limits
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
14
Bits (min)
3.5
LSB (max)
INL
Integral Non Linearity
±1.5
-3.5
LSB (min)
1
LSB (max)
DNL
Differential Non Linearity
±0.5
-0.75
LSB (min)
PGE
Positive Gain Error
0.3
±1.25
%FS (max)
NGE
Negative Gain Error
0.25
±1.25
%FS (max)
TC PGE
Positive Gain Error Tempco
−40°C ≤ TA ≤ +85°C
-7
ppm/°C
TC NGE
Negative Gain Error Tempco
−40°C ≤ TA ≤ +85°C
-6
ppm/°C
VOFF
Offset Error
0.065
±0.55
%FS (max)
TC VOFF
Offset Error Tempco
−40°C ≤ TA ≤ +85°C
7.5
ppm/°C
Under Range Output Code
0
0
Over Range Output Code
16383
16383
REFERENCE AND ANALOG INPUT CHARACTERISTICS
1.40
V (min)
VCMO
Common Mode Output Voltage
1.5
1.56
V (max)
1.4
V (min)
VCM
Analog Input Common Mode Voltage
1.5
1.6
V (max)
(CLK LOW)
8.5
pF
VIN Input Capacitance (each pin to
VIN = 1.5 Vdc ± 0.5
CIN
GND)(4)
V
(CLK HIGH)
3.5
pF
VREF
Internal Reference Voltage
1.20
V
TC VREF
Internal Reference Voltage Tempco
−40°C ≤ TA ≤ +85°C
18
ppm/°C
1.89
V (min)
VRP
Internal Reference top
See(5)
1.98
2.06
V (max)
0.89
V (min)
VRN
Internal Reference bottom
See(5)
0.98
1.06
V (max)
1.176
V (min)
Ext VREF
External Reference Voltage
See(5)
1.20
1.224
V (max)
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 4 of the Absolute Maximum Ratings Table. However, errors in the A/D conversion can occur if the input goes
above 2.6V or below GND as described in the Operating Ratings section. See Figure 2.
(2)
With a full scale differential input of 2VP-P , the 14-bit LSB is 122.1 µV.
(3)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
(4)
The input capacitance is the sum of the package/pin capacitance and the sample and hold circuit capacitance.
(5)
This parameter is ensured by design and/or characterization and is not tested in production.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC14C080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com