Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035B Datasheet (PDF) - Texas Instruments

LM5035B Datasheet PDF - Texas Instruments
Part # LM5035B
Download  LM5035B Download
File Size   933.52 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers

LM5035B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5035B Datasheet PDF - Texas Instruments

Part # LM5035B
Download  LM5035B Click to download

File Size   933.52 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers

LM5035B Datasheet (HTML) - Texas Instruments


LM5035B Product details

1FEATURES
2• 105V / 2A Half-Bridge Gate Drivers
• Synchronous Rectifier Control Outputs with
Programmable Delays
• Synchronous Rectifiers Turned Off in
Shutdown Modes.
• Reduced Deadtime Between High and Low
Side Drive for Higher Maximum Duty Cycle.
• High Voltage (105V) Start-up Regulator
• Voltage mode Control with Line Feed-Forward
and Volt Second Limiting
• Resistor Programmed, 2MHz Capable
Oscillator
• Programmable Line Under-Voltage Lockout
and Over-Voltage Protection
• Internal Thermal Shutdown Protection
• Adjustable Soft-Start
• Versatile Dual Mode Over-Current Protection
with Hiccup Delay Timer
• Cycle-by-Cycle Over-Current Protection
• Direct Opto-coupler Interface
• 5V Reference Output

PACKAGES
• TSSOP-20
• WQFN-24 (4mm x 5mm)

DESCRIPTION
The LM5035B Half-Bridge Controller/Gate Driver
contains all of the features necessary to implement
half-bridge topology power converters using voltage mode control with line voltage feed-forward.
The LM5035B is a functional variant of the LM5035A
half-bridge PWM controller. The LM5035B provides
higher maximum duty cycle and higher start-up
regulator output current than the LM5035A or
LM5035. Also, the Synchronous Rectifier drive
outputs of the LM5035B are held low in shutdown
modes.
The LM5035, LM5035A, and LM5035B include a
floating high-side gate driver, which is capable of operating with supply voltages up to 105V. Both the
high-side and low-side gate drivers are capable of 2A
peak. An internal high voltage startup regulator is
included, along with programmable line undervoltage
lockout (UVLO) and overvoltage protection (OVP).
The oscillator is programmed with a single resistor to
frequencies up to 2MHz. The oscillator can also be
synchronized to an external clock. A current sense
input and a programmable timer provide cycle-bycycle
current limit and adjustable hiccup mode
overload protection.The differences between LM5035,
LM5035A, LM5035B, and LM5035C are summarized
in Table 2.




Similar Part No. - LM5035B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035B NSC-LM5035B Datasheet
553Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035B TI-LM5035B Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B TI2-LM5035B Datasheet
1Mb / 43P
LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
REVISED OCTOBER 2016
logo
National Semiconductor ...
LM5035BMH NSC-LM5035BMH Datasheet
553Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035BMH/NOPB TI-LM5035BMH/NOPB Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
More results


Similar Description - LM5035B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035 NSC-LM5035 Datasheet
922Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B NSC-LM5035B Datasheet
553Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035B TI-LM5035B Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035A TI1-LM5035A_14 Datasheet
1Mb / 38P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035 TI-LM5035_15 Datasheet
1Mb / 39P
PWM Controller With Integrated Half-Bridge and SyncFET Drivers
LM5035A TI-LM5035A_15 Datasheet
1Mb / 40P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B TI-LM5035B_15 Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C TI-LM5035C_15 Datasheet
1Mb / 35P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com