Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035B Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5035B
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035B Datasheet(HTML) 1 Page - Texas Instruments

  LM5035B Datasheet HTML 1Page - Texas Instruments LM5035B Datasheet HTML 2Page - Texas Instruments LM5035B Datasheet HTML 3Page - Texas Instruments LM5035B Datasheet HTML 4Page - Texas Instruments LM5035B Datasheet HTML 5Page - Texas Instruments LM5035B Datasheet HTML 6Page - Texas Instruments LM5035B Datasheet HTML 7Page - Texas Instruments LM5035B Datasheet HTML 8Page - Texas Instruments LM5035B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
LM5035B
www.ti.com
SNVS613C – JULY 2009 – REVISED APRIL 2013
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
Check for Samples: LM5035B
1
FEATURES
PACKAGES
2
•
105V / 2A Half-Bridge Gate Drivers
•
TSSOP-20
•
Synchronous Rectifier Control Outputs with
•
WQFN-24 (4mm x 5mm)
Programmable Delays
DESCRIPTION
•
Synchronous Rectifiers Turned Off in
The LM5035B Half-Bridge Controller/Gate Driver
Shutdown Modes.
contains all of the features necessary to implement
•
Reduced Deadtime Between High and Low
half-bridge topology power converters using voltage
Side Drive for Higher Maximum Duty Cycle.
mode control with line voltage feed-forward.
•
High Voltage (105V) Start-up Regulator
The LM5035B is a functional variant of the LM5035A
•
Voltage mode Control with Line Feed-Forward
half-bridge PWM controller. The LM5035B provides
and Volt Second Limiting
higher maximum duty cycle and higher start-up
•
Resistor Programmed, 2MHz Capable
regulator
output
current
than
the
LM5035A
or
LM5035.
Also,
the
Synchronous
Rectifier
drive
Oscillator
outputs of the LM5035B are held low in shutdown
•
Programmable Line Under-Voltage Lockout
modes.
and Over-Voltage Protection
The LM5035, LM5035A, and LM5035B include a
•
Internal Thermal Shutdown Protection
floating high-side gate driver, which is capable of
•
Adjustable Soft-Start
operating with supply voltages up to 105V. Both the
•
Versatile Dual Mode Over-Current Protection
high-side and low-side gate drivers are capable of 2A
with Hiccup Delay Timer
peak. An internal high voltage startup regulator is
included, along with programmable line undervoltage
•
Cycle-by-Cycle Over-Current Protection
lockout (UVLO) and overvoltage protection (OVP).
•
Direct Opto-coupler Interface
The oscillator is programmed with a single resistor to
•
5V Reference Output
frequencies up to 2MHz. The oscillator can also be
synchronized to an external clock. A current sense
input and a programmable timer provide cycle-by-
cycle current limit and adjustable hiccup mode
overload protection.The differences between LM5035,
LM5035A, LM5035B, and LM5035C are summarized
in Table 2.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5035B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035B NSC-LM5035B Datasheet
553Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035B TI-LM5035B Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B TI2-LM5035B Datasheet
1Mb / 43P
LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
REVISED OCTOBER 2016
logo
National Semiconductor ...
LM5035BMH NSC-LM5035BMH Datasheet
553Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035BMH/NOPB TI-LM5035BMH/NOPB Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
More results

Similar Description - LM5035B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035 NSC-LM5035 Datasheet
922Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B NSC-LM5035B Datasheet
553Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035B TI-LM5035B Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035A TI1-LM5035A_14 Datasheet
1Mb / 38P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035 TI-LM5035_15 Datasheet
1Mb / 39P
PWM Controller With Integrated Half-Bridge and SyncFET Drivers
LM5035A TI-LM5035A_15 Datasheet
1Mb / 40P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B TI-LM5035B_15 Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C TI-LM5035C_15 Datasheet
1Mb / 35P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com