Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035B Datasheet(PDF) 16 Page - Texas Instruments

Part # LM5035B
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035B Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5035B Datasheet HTML 12Page - Texas Instruments LM5035B Datasheet HTML 13Page - Texas Instruments LM5035B Datasheet HTML 14Page - Texas Instruments LM5035B Datasheet HTML 15Page - Texas Instruments LM5035B Datasheet HTML 16Page - Texas Instruments LM5035B Datasheet HTML 17Page - Texas Instruments LM5035B Datasheet HTML 18Page - Texas Instruments LM5035B Datasheet HTML 19Page - Texas Instruments LM5035B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Maximum Duty Cycle =
2
TS - T1
1
TS
RT =
x 6.25 x 10
9
1
FOSC
¨
©
§
- 110 ns
LM5035B
SNVS613C – JULY 2009 – REVISED APRIL 2013
www.ti.com
Oscillator, Sync Capability
The LM5035B oscillator frequency is set by a single external resistor connected between the RT and AGND pins.
To set a desired oscillator frequency, the necessary RT resistor is calculated from:
(2)
For example, if the desired oscillator frequency is 400kHz (HO and LO each switching at 200 kHz) a 15 k
Ω
resistor would be the nearest standard one percent value.
Each output (HO, LO, SR1 and SR2) switches at half the oscillator frequency. The voltage at the RT pin is
internally regulated to a nominal 2V. The RT resistor should be located as close as possible to the IC, and
connected directly to the pins (RT and AGND). The tolerance of the external resistor, and the frequency
tolerance indicated in the Electrical Characteristics, must be taken into account when determining the worst case
frequency range.
The LM5035B can be synchronized to an external clock by applying a narrow pulse to the RT pin. The external
clock must be at least 10% higher than the free-running oscillator frequency set by the RT resistor. If the external
clock frequency is less than the RT resistor programmed frequency, the LM5035B will ignore the synchronizing
pulses. The synchronization pulse width at the RT pin must be a minimum of 15 ns wide. The clock signal should
be coupled into the RT pin through a 100 pF capacitor or a value small enough to ensure the pulse width at RT
is less than 60% of the clock period under all conditions. When the synchronizing pulse transitions low-to-high
(rising edge), the voltage at the RT pin must be driven to exceed 3.2V volts from its nominal 2 VDC level. During
the clock signal’s low time, the voltage at the RT pin will be clamped at 2 VDC by an internal regulator. The
output impedance of the RT regulator is approximately 100
Ω. The RT resistor is always required, whether the
oscillator is free running or externally synchronized.
Gate Driver Outputs (HO & LO)
The LM5035B provides two alternating gate driver outputs, the floating high side gate driver HO and the ground
referenced low side driver LO. Each driver is capable of sourcing 1.25A and sinking 2A peak. The HO and LO
outputs operate in an alternating manner, at one-half the internal oscillator frequency. The LO driver is powered
directly by the VCC regulator. The HO gate driver is powered from a bootstrap capacitor connected between HB
and HS. An external diode connected between VCC (anode pin) and HB (cathode pin) provides the high side
gate driver power by charging the bootstrap capacitor from VCC when the switch node (HS pin) is low. When the
high side MOSFET is turned on, HB rises to a peak voltage equal to VVCC + VHS where VHS is the switch node
voltage.
The HB and VCC capacitors should be placed close to the pins of the LM5035B to minimize voltage transients
due to parasitic inductances since the peak current sourced to the MOSFET gates can exceed 1.25A. The
recommended value of the HB capacitor is 0.01 µF or greater. A low ESR / ESL capacitor, such as a surface
mount ceramic, should be used to prevent voltage droop during the HO transitions.
The maximum duty cycle for each output is equal to or slightly less than 50% due to any programmed sync
rectifier delay. The programmed sync rectifier delay is determined by the DLY pin resistor. If the COMP pin is
open circuit, the outputs will operate at maximum duty cycle. The maximum duty cycle for each output can be
calculated with the following equation:
where
•
TS is the period of one complete cycle for either the HO or LO outputs
•
T1 is the programmed sync rectifier delay
(3)
16
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com