Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035B Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5035B
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035B Datasheet(HTML) 4 Page - Texas Instruments

  LM5035B Datasheet HTML 1Page - Texas Instruments LM5035B Datasheet HTML 2Page - Texas Instruments LM5035B Datasheet HTML 3Page - Texas Instruments LM5035B Datasheet HTML 4Page - Texas Instruments LM5035B Datasheet HTML 5Page - Texas Instruments LM5035B Datasheet HTML 6Page - Texas Instruments LM5035B Datasheet HTML 7Page - Texas Instruments LM5035B Datasheet HTML 8Page - Texas Instruments LM5035B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LM5035B
SNVS613C – JULY 2009 – REVISED APRIL 2013
www.ti.com
PIN DESCRIPTIONS (continued)
TSSOP
WQFN
Name
Description
Application Information
PIN
PIN
8
7
SS
Soft-start Input
An internal 110 µA current source charges an external capacitor to
set the soft-start rate. During a current limit restart sequence, the
internal current source is reduced to 1.2µA to increase the delay
before retry.
9
8
DLY
Timing programming pin for the LO
An external resistor to ground sets the timing for the non-overlap
and HO to SR1 and SR2 outputs.
time of HO to SR1 and LO to SR2.
10
9
RES
Restart Timer
If cycle-by-cycle current limit is exceeded during any cycle, a 22 µA
current is sourced to the RES pin capacitor. If the RES capacitor
voltage reaches 2.5V, the soft-start capacitor will be fully discharged
and then released with a pull-up current of 1.2µA. After the first
output pulse at LO (when SS > COMP offset, typically 1V), the SS
pin charging current will revert to 110 µA.
11
11
HB
Boost voltage for the HO driver
An external diode is required from VCC to HB and an external
capacitor is required from HS to HB to power the HO gate driver.
12
12
HS
Switch node
Connection common to the transformer and both power switches.
Provides a return path for the HO gate driver.
13
13
HO
High side gate drive output.
Output of the high side PWM gate driver. Capable of sinking 2A
peak current.
14
14
LO
Low side gate drive output.
Output of the low side PWM gate driver. Capable of sinking 2A peak
current.
15
15
PGND
Power Ground
Connect directly to Analog Ground.
16
16
VCC
Output of the high voltage start-up
If an auxiliary winding raises the voltage on this pin above the
regulator. The VCC voltage is
regulation setpoint, the Start-up Regulator will shutdown, thus
regulated to 7.6V.
reducing the internal power dissipation.
17
17
SR2
Synchronous rectifier driver output.
Control output of the synchronous FET gate. Capable of 0.5A peak
current.
18
18
SR1
Synchronous rectifier driver output.
Control output of the synchronous FET gate. Capable of 0.5A peak
current.
19
19
REF
Output of 5V Reference
Maximum output current is 20mA. Locally decoupled with a 0.1µF
capacitor.
20
21
VIN
Input voltage source
Input to the Start-up Regulator. Operating input range is 13V to
100V with transient capability to 105V. For power sources outside of
this range, the LM5035B can be biased directly at VCC by an
external regulator.
EP
EP
EP
Exposed Pad, underside of
No electrical contact. Connect to system ground plane for reduced
package
thermal resistance.
1
NC
No connection
No electrical contact.
10
NC
No connection
No electrical contact.
20
NC
No connection
No electrical contact.
22
NC
No connection
No electrical contact.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com