Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035B Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5035B
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035B Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5035B Datasheet HTML 3Page - Texas Instruments LM5035B Datasheet HTML 4Page - Texas Instruments LM5035B Datasheet HTML 5Page - Texas Instruments LM5035B Datasheet HTML 6Page - Texas Instruments LM5035B Datasheet HTML 7Page - Texas Instruments LM5035B Datasheet HTML 8Page - Texas Instruments LM5035B Datasheet HTML 9Page - Texas Instruments LM5035B Datasheet HTML 10Page - Texas Instruments LM5035B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
LM5035B
www.ti.com
SNVS613C – JULY 2009 – REVISED APRIL 2013
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VVIN = 48V, VVCC = 10V externally applied, RRT = 15.0 kΩ, RDLY = 27.4kΩ, VUVLO = 3V, VOVP = 0V unless
otherwise stated
(1)(2).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Rise time
CLOAD = 1 nF
40
ns
Fall time
CLOAD = 1 nF
20
ns
Peak source current
VSR = 0, VVCC = 10V
0.5
A
Peak sink current
VSR = VVCC, VVCC = 10V
0.5
A
T1
Deadtime, SR1 falling to HO rising,
RDLY = 10k
33
ns
SR2 falling to LO rising
RDLY = 27.4k
68
86
120
ns
RDLY = 100k
300
ns
T2
Deadtime, HO falling to SR1 rising,
RDLY = 10k
18
ns
LO falling to SR2 rising
RDLY = 27.4k
20
29
42
ns
RDLY = 100k
80
ns
Thermal Shutdown
TSD
Shutdown temperature
165
°C
Hysteresis
20
°C
Thermal Resistance
θJA
Junction to ambient, 0 LFPM Air Flow
TSSOP-20 package
40
°C/W
θJC
Junction to Case (EP) Thermal
TSSOP-20 package
4
°C/W
resistance
θJA
Junction to ambient, 0 LFM Air Flow
WQFN-24 (4 mm x 5 mm)
40
°C/W
θJC
Junction to Case Thermal resistance
WQFN-24 (4 mm x 5 mm)
6
°C/W
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com