Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035B Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5035B
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035B Datasheet(HTML) 3 Page - Texas Instruments

  LM5035B Datasheet HTML 1Page - Texas Instruments LM5035B Datasheet HTML 2Page - Texas Instruments LM5035B Datasheet HTML 3Page - Texas Instruments LM5035B Datasheet HTML 4Page - Texas Instruments LM5035B Datasheet HTML 5Page - Texas Instruments LM5035B Datasheet HTML 6Page - Texas Instruments LM5035B Datasheet HTML 7Page - Texas Instruments LM5035B Datasheet HTML 8Page - Texas Instruments LM5035B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
CS
NC
AGND
RT
COMP
OVP
SS
HO
LO
PGND
VCC
SR1
SR2
REF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
EP
LM5035B
www.ti.com
SNVS613C – JULY 2009 – REVISED APRIL 2013
Figure 2. WQFN-24 Package
Top View
PIN DESCRIPTIONS
TSSOP
WQFN
Name
Description
Application Information
PIN
PIN
1
23
RAMP
Modulator ramp signal
An external RC circuit from VIN sets the ramp slope. This pin is
discharged at the conclusion of every cycle by an internal FET.
Discharge is initiated by either the internal clock or the Volt •
Second clamp comparator.
2
24
UVLO
Line Under-Voltage Lockout
An external voltage divider from the power source sets the
shutdown and standby comparator levels. When UVLO reaches the
0.4V threshold the VCC and REF regulators are enabled. When
UVLO reaches the 1.25V threshold, the SS pin is released and the
device enters the active mode. Hysteresis is set by an internal
current sink that pulls 23 µA from the external resistor divider.
3
2
OVP
Line Over-Voltage Protection
An external voltage divider from the power source sets the
shutdown levels. The threshold is 1.25V. Hysteresis is set by an
internal current source that sources 23µA into the external resistor
divider.
4
3
COMP
Input to the Pulse Width Modulator
An external opto-coupler connected to the COMP pin sources
current into an internal NPN current mirror. The PWM duty cycle is
maximum with zero input current, while 1mA reduces the duty cycle
to zero. The current mirror improves the frequency response by
reducing the AC voltage across the opto-coupler detector.
5
4
RT
Oscillator Frequency Control and
Normally biased at 2V. An external resistor connected between RT
Sync Clock Input.
and AGND sets the internal oscillator frequency. The internal
oscillator can be synchronized to an external clock with a frequency
higher than the free running frequency set by the RT resistor.
6
5
AGND
Analog Ground
Connect directly to Power Ground.
7
6
CS
Current Sense input for current
If CS exceeds 0.25V the output pulse will be terminated, entering
limit
cycle-by-cycle current limit. An internal switch holds CS low for 50ns
after HO or LO switches high to blank leading edge transients.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com