Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954TL/NOPB.A Datasheet (PDF) - Texas Instruments

LP3954TL/NOPB.A Datasheet PDF - Texas Instruments
Part # LP3954TL/NOPB.A
Download  LP3954TL/NOPB.A Download
File Size   974.31 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Advanced Lighting Management Unit

LP3954TL/NOPB.A Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3954TL/NOPB.A Datasheet PDF - Texas Instruments

Part # LP3954TL/NOPB.A
Download  LP3954TL/NOPB.A Click to download

File Size   974.31 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Advanced Lighting Management Unit

LP3954TL/NOPB.A Datasheet (HTML) - Texas Instruments


LP3954TL/NOPB.A Product details

1FEATURES
2• Audio Synchronization for Color/RGB LEDs
• Command Based PWM Controlled RGB LED
Drivers
• High Current Driver for Flash LED With Built-in
Timing
• 4+2 or 6 Low Voltage Constant Current White
LED Drivers With Orogrammable 8-Bit
Adjustment (0…25mA/LED)
• High Efficiency Boost DC-DC Converter
• SPI / I2C Compatible Interface
• Possibility for External PWM Dimming Control
• Possibility for Clock Synchronization for RGB
Timing
• Ambient Light and Temperature Sensing
Possibility
• Small Package – DSBGA, 3.0 x 3.0 x 0.6mm

APPLICATIONS
• Cellular Phones
• PDAs, MP3 players

DESCRIPTION
LP3954 is an advanced lighting management unit for
handheld devices. It drives any phone lights including
display backlights, RGB, keypad and camera flash
LEDs. The boost DC-DC converter drives high
current loads with high efficiency. White LED
backlight drivers are high efficiency low voltage
structures with excellent matching and automatic fade
in/ fade out function. The new stand-alone command
based RGB controller is feature rich and easy to
configure. Built-in audio synchronization feature
allows user to synchronize the color LEDs to audio
input. Integrated high current driver can drive camera
flash LED or motor/vibra. Internal ADC can be used for ambient light or temperature sensing. The flexible
SPI/I2C interface allows easy control of LP3954.
Small DSBGA package together with minimum
number of external components is a best fit for
handheld devices.




Similar Part No. - LP3954TL/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3954TL/NOPB TI1-LP3954TL/NOPB Datasheet
1Mb / 60P
Advanced Lighting Management Unit
More results


Similar Description - LP3954TL/NOPB.A

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3681 AMSCO-AS3681 Datasheet
307Kb / 4P
Power AND Lighting Management Unit
AS3682 AMSCO-AS3682 Datasheet
864Kb / 43P
480mA Camera Lighting Management Unit
logo
National Semiconductor ...
LP3954 NSC-LP3954 Datasheet
6Mb / 56P
Advanced Lighting Management Unit
LP39542 NSC-LP39542 Datasheet
2Mb / 58P
Advanced Lighting Management Unit
logo
Texas Instruments
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
Advanced Power Management Unit
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
Flexible Lighting Management Unit
logo
Texas Instruments
LP3954 TI1-LP3954 Datasheet
1Mb / 60P
Advanced Lighting Management Unit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com