Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954TL/NOPB.A Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3954TL/NOPB.A
Description  Advanced Lighting Management Unit
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3954TL/NOPB.A Datasheet(HTML) 4 Page - Texas Instruments

  LP3954TL/NOPB.A Datasheet HTML 1Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 2Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 3Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 4Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 5Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 6Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 7Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 8Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
LP3954
SNVS340D – JUNE 2005 – REVISED MARCH 2013
www.ti.com
Table 1. Pin Descriptions
Pin No.
Name
Type
Description
6F
SW
Output
Boost Converter Power Switch
6E
FB
Input
Boost Converter Feedback
6D
FLASH
Output
High Current Flash Output
6C
R1
Output
Red LED 1 Output
6B
G1
Output
Green LED 1 Output
6A
B1
Output
Blue LED 1 Output
5F
GND_SW
Ground
Power Switch Ground
5E
GND
Ground
Ground
5D
VDDIO
Power
Supply Voltage for Input/output Buffers and Drivers
5C
SS/SDA
Logic Input/Output
Slave Select (SPI), Serial Data In/Out (I2C)
5B
IRGB
Input
Bias Current Set Resistor for RGB Drivers
5A
GND_RGB
Ground
Ground for RGB Currents
4F
GND_WLED
Ground
Ground for WLED Currents
4E
IFLASH
Input
High Current Flash Current Set Resistor
4D
SYNC_PWM
Logic Input
External PWM Control for LEDs or External Clock for RGB Sync
4C
SI
Logic Input
Serial Input (SPI), Address Select (I2C)
4B
SO
Logic Output
Serial Data Out (SPI)
4A
R2
Output
Red LED 2 output
3F
WLED5
Output
White LED 5 output
3E
WLED6
Output
White LED 6 output
3D
VDD1
Power
Supply voltage
3C
EN_FLASH
Logic Input
Enable for High Current Flash
3B
SCK/SCL
Logic Input
Clock (SPI/I2C)
3A
G2
Output
Green LED 2 Output
2F
WLED3
Output
White LED 3 output
2E
WLED4
Output
White LED 4 output
2D
ASE
Input
Audio Synchronization Input
2C
IRT
Input
Oscillator Frequency Resistor
2B
IF_SEL
Logic Input
Interface (SPI or I2C compatible) Selection (IF_SEL = 1 for SPI)
2A
B2
Output
Blue LED 2 Output
1F
WLED1
Output
White LED 1 Output
1E
WLED2
Output
White LED 2 Output
1D
GNDA
Ground
Ground for Analog Circuitry
1C
VREF
Output
Reference Voltage
1B
VDDA
Power
Internal LDO Output
1A
VDD2
Power
Supply Voltage
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com