Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954TL/NOPB.A Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3954TL/NOPB.A
Description  Advanced Lighting Management Unit
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3954TL/NOPB.A Datasheet(HTML) 2 Page - Texas Instruments

  LP3954TL/NOPB.A Datasheet HTML 1Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 2Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 3Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 4Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 5Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 6Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 7Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 8Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
MCU
WLED1
WLED2
WLED3
WLED4
WLED5
WLED6
R1
G1
B1
R2
G2
B2
EN_FLASH
FLASH
IRGB
IRT
ASE
AUDIO INPUT
LP3954
IFLASH
CAMERA
SW
BATTERY
FB
VDDA
VREF
D1
VDD2
VDD1
GNDs
SCK/SCL
SI
SS/SDA
SO
SYNC/PWM
IF_SEL
VDDIO
FLASH
Up to 300 mA
RGB1
Up to 40 mA/LED
SUB
BACKLIGHT
0...25 mA/LED
MAIN
BACKLIGHT
0...25 mA/LED
RGB2
Up to 40 mA/LED
or
or
or
LIGHT
SENSOR
TEMP SENSOR
RRT
RRGB
RFLASH
COUT
10 P
F
IMAX = 300...400 mA
VOUT = 4...5.3V
CVDD
100 nF
L1 4.7 P
H
CIN
10 P
F
CVDDA
1 é
F
CREF
100 nF
CVDDIO
100 nF
LP3954
SNVS340D – JUNE 2005 – REVISED MARCH 2013
www.ti.com
Typical Application
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com