Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954TL/NOPB.A Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3954TL/NOPB.A
Description  Advanced Lighting Management Unit
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3954TL/NOPB.A Datasheet(HTML) 3 Page - Texas Instruments

  LP3954TL/NOPB.A Datasheet HTML 1Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 2Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 3Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 4Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 5Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 6Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 7Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 8Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
1
2
3
4
5
6
F
E
D
C
B
A
SW
FB
FLASH
R1
G1
B1
G2
SCK/
SCL
IF_SEL
B2
VDDA
VREF
WLED
1
IRT
VDD1
GND_
WLED
SS/SDA
VDD2
SI
WLED
6
ASE
WLED
4
GNDA
GND_
RGB
R2
IRGB
SO
VDDIO
SYNC_
PWM
IFLASH
WLED
3
WLED
5
GND_
SW
FLASH
_EN
WLED
2
GND
TOP VIEW
SW
FB
FLASH
R1
G1
B1
G2
SCK/
SCL
IF_SEL
B2
VDDA
VREF
WLED
1
IRT
VDD1
GND_
WLED
SS/
SDA
VDD2
SI
WLED
6
ASE
WLED
4
GNDA
GND_
RGB
R2
IRGB
SO
VDDIO
SYNC_
PWM
IFLASH
WLED
3
WLED
5
GND_
SW
FLASH
_EN
WLED
2
1
2
3
4
5
6
GND
A
B
C
D
E
F
BOTTOM VIEW
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
Connection Diagrams
DSBGA Package, 3.0 x 3.0 x 0.6mm, 0.5mm pitch Package Number YZR0036AAA or
DSBGA Package, 3.0 x 3.0 x 0.65mm, 0.5mm pitch Package Number YPG0036AAA
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com