Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954TL/NOPB.A Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3954TL/NOPB.A
Description  Advanced Lighting Management Unit
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3954TL/NOPB.A Datasheet(HTML) 1 Page - Texas Instruments

  LP3954TL/NOPB.A Datasheet HTML 1Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 2Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 3Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 4Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 5Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 6Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 7Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 8Page - Texas Instruments LP3954TL/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
Advanced Lighting Management Unit
Check for Samples: LP3954
1
FEATURES
DESCRIPTION
LP3954 is an advanced lighting management unit for
2
•
Audio Synchronization for Color/RGB LEDs
handheld devices. It drives any phone lights including
•
Command Based PWM Controlled RGB LED
display backlights, RGB, keypad and camera flash
Drivers
LEDs. The boost DC-DC converter drives high
•
High Current Driver for Flash LED With Built-in
current
loads
with
high
efficiency.
White
LED
backlight drivers are high efficiency low voltage
Timing
structures with excellent matching and automatic fade
•
4+2 or 6 Low Voltage Constant Current White
in/ fade out function. The new stand-alone command
LED Drivers With Orogrammable 8-Bit
based RGB controller is feature rich and easy to
Adjustment (0…25mA/LED)
configure.
Built-in
audio
synchronization
feature
•
High Efficiency Boost DC-DC Converter
allows user to synchronize the color LEDs to audio
input. Integrated high current driver can drive camera
•
SPI / I2C Compatible Interface
flash LED or motor/vibra. Internal ADC can be used
•
Possibility for External PWM Dimming Control
for ambient light or temperature sensing. The flexible
•
Possibility for Clock Synchronization for RGB
SPI/I2C interface allows easy control of LP3954.
Timing
Small
DSBGA
package
together
with
minimum
number of external components is a best fit for
•
Ambient Light and Temperature Sensing
handheld devices.
Possibility
•
Small Package – DSBGA, 3.0 x 3.0 x 0.6mm
APPLICATIONS
•
Cellular Phones
•
PDAs, MP3 players
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3954TL/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3954TL/NOPB TI1-LP3954TL/NOPB Datasheet
1Mb / 60P
Advanced Lighting Management Unit
More results

Similar Description - LP3954TL/NOPB.A

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3681 AMSCO-AS3681 Datasheet
307Kb / 4P
Power AND Lighting Management Unit
AS3682 AMSCO-AS3682 Datasheet
864Kb / 43P
480mA Camera Lighting Management Unit
logo
National Semiconductor ...
LP3954 NSC-LP3954 Datasheet
6Mb / 56P
Advanced Lighting Management Unit
LP39542 NSC-LP39542 Datasheet
2Mb / 58P
Advanced Lighting Management Unit
logo
Texas Instruments
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
Advanced Power Management Unit
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
Flexible Lighting Management Unit
logo
Texas Instruments
LP3954 TI1-LP3954 Datasheet
1Mb / 60P
Advanced Lighting Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com