Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET4202-RJ45 Datasheet (PDF) - Edgecore Networks Corporation

ET4202-RJ45 Datasheet PDF - Edgecore Networks Corporation
Part # ET4202-RJ45
Download  ET4202-RJ45 Download
File Size   990.85 Kbytes
Page   6 Pages
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation
Description L2/Lite L3 10G Multi-Gigabit Ethernet Switch

ET4202-RJ45 Datasheet (PDF)

Go To PDF Page Download Datasheet
ET4202-RJ45 Datasheet PDF - Edgecore Networks Corporation

Part # ET4202-RJ45
Download  ET4202-RJ45 Click to download

File Size   990.85 Kbytes
Page   6 Pages
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation
Description L2/Lite L3 10G Multi-Gigabit Ethernet Switch

ET4202-RJ45 Datasheet (HTML) - Edgecore Networks Corporation


ET4202-RJ45 Product details

PoE++ Support for Wi-Fi 6/6E/7 APs
The ECS5500-12P can provide up to 60 W of power to attached
devices with a total power budget of 480 W. The switch can
deliver up to 60 W on 8 ports with its unmatched PoE power
budget.
PoE eliminates the need for individual power sources for devices
in the network, saving on costs for power cables and avoiding
power outlet availability issues. If the power demand exceeds the
switch’s maximum power budget, ports can be prioritized to
receive power.
10G/Multi-Gig Performance and Scalability
The Edgecore ECS5500-12T/12P is a high performance 100M/
1G/2.5G/5G/10G Gigabit (Multi-Gig) Ethernet Layer 2+ managed
switch with 240 Gbps switching capacity. The switch delivers
wire-speed switching performance on all 10 Gigabit ports, taking
full advantage of existing high-performance 1G/2.5G/5G/10G
Gigabit 802.11ax/802.11be Wi-Fi APs etc, significantly improving
the responsiveness of applications and file transfer times.
The two 10G SFP+ ports and two 10G Ethernet ports provide
uplink flexibility, allowing the insertion of fiber or copper Ethernet
cable, to create up to 40 Gbps high-speed uplinks to service
provider, corporate, or campus networks, reducing bottlenecks
and increasing the performance of the access network.
Continuous Availability
The IEEE 802.1w Rapid Spanning Tree Protocol provides a
loop-free network and redundant links to the core network with
rapid convergence, to ensure faster recovery from failed links,
enhancing overall network stability and reliability.
The IEEE 802.1s Multiple Spanning Tree Protocol runs STP per
VLAN base, providing Layer 2 load sharing on redundant links up
to 64 instances.
The ECS5500-12T/12P supports IEEE 802.3ad Link Aggregation
Control Protocol (LACP). It increases bandwidth by automatically
aggregating several physical links together as a logical trunk and
offers load balancing and fault tolerance for uplink connections.
The ECS5500-12T/12P supports G.8032 Ethernet Ring Protection
Switching with the ability for the network to detect and recover
from incidents without impacting users, meeting the most
demanding quality and availability requirements. Rapid recovery
time when problems do occur is as low as 50 ms.
Enhanced Security
Port security limits the total number of devices from using a
switch port and protects against MAC flooding attacks.
IEEE 802.1X port-based or MAC-based access control ensures all
users are authorized before being granted access to the network.
When a user is authenticated, the VLAN, QoS and security policy
are automatically applied the port where the user is connected,
otherwise the port is grouped in a guest VLAN with limited
access.
DHCP snooping allows a switch to protect a network from rogue
DHCP servers that offer invalid IP addresses.
IP Source Guard prevents users from using IP addresses that
were not assigned to them.
Access Control Lists (ACLs) can be used to restrict access to
sensitive network resources by denying packets based on source
and destination MAC addresses, IP addresses, or TCP/UDP ports.
ACLs are hardware supported, so switching performance is not
compromised.
Key Features and Benefits




Similar Part No. - ET4202-RJ45

ManufacturerPart #DatasheetDescription
logo
Edgecore Networks Corpo...
ET4202-RJ45 EDGE-CORE-ET4202-RJ45 Datasheet
2Mb / 5P
1000BASE-T Copper SFP Transceiver
More results


Similar Description - ET4202-RJ45

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7442 VITESSE-VSC7442 Datasheet
306Kb / 2P
52-Port L2/L3 Enterprise and Industrial Ethernet Switch
VSC7444 VITESSE-VSC7444 Datasheet
341Kb / 2P
26-Port L2/L3 Enterprise Gigabit Ethernet Switch
VSC7448 VITESSE-VSC7448 Datasheet
361Kb / 2P
52-Port L2/L3 Enterprise Gigabit Ethernet Switch
logo
Level One
GTL-2060 LVL1-GTL-2060 Datasheet
212Kb / 4P
20-Port L2 Managed Gigabit Ethernet Switch, 12 Ports SFP Plus 10-Gigabit, 8 ports Gigabit Ethernet
GTL-2890 LVL1-GTL-2890 Datasheet
235Kb / 4P
28-Port L3 Managed Gigabit Ethernet Switch, 4 x SFPplus 10-Gigabit
GTL-5260 LVL1-GTL-5260 Datasheet
219Kb / 4P
52-Port L2 Managed Gigabit Ethernet Switch, 4 x SFPplus 10-Gigabit
logo
Microsemi Corporation
VSC7442-02 MICROSEMI-VSC7442-02 Datasheet
4Mb / 520P
Family of L2/L3 Enterprise Gigabit Ethernet Switches with 10 Gbps Links
VSC7449-01 MICROSEMI-VSC7449-01 Datasheet
304Kb / 2P
52-Port L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
VSC7440 MICROSEMI-VSC7440 Datasheet
6Mb / 444P
L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
logo
Microchip Technology
SPARX-5 MICROCHIP-SPARX-5 Datasheet
4Mb / 604P
SparX-5 Family of L2/L3 Enterprise 10G Ethernet Switches
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com