Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET4202-RJ45 Datasheet(PDF) 5 Page - Edgecore Networks Corporation

Part # ET4202-RJ45
Description  L2/Lite L3 10G Multi-Gigabit Ethernet Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

ET4202-RJ45 Datasheet(HTML) 5 Page - Edgecore Networks Corporation

  ET4202-RJ45 Datasheet HTML 1Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 2Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 3Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 4Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 5Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 6Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IPv6 Features
■ IPv4/IPv6 dual protocol stack
■ IPv6 Address Types Stack: Unicast
■ IPv6 Neighbor Discovery:
Duplicate address
Address resolution
Unreachable neighbor detection
■ Stateless auto-configuration
■ Manual configuration
■ Remote IPv6 ping
■ IPv6 Telnet support
■ HTTP over IPv6
■ SNMP over IPv6
■ IPv6 Syslog support
■ IPv6 TFTP support
■ MLD Snooping v1/v2
■ IPv6 source guard
■ DHCPv6snooping
■ MVR6
Management
■ Switch Management:
CLI via console port or Telnet/SSH
Web management
SNMP v1, v2c,v3
■ Firmware and Configuration:
Firmware upgrade via TFTP/HTTP/FTP/SFTPserver
Multiple configuration files
Configuration file upload/download viaTFTP/HTTP/FTP/SFTP
server
■ RMON (groups 1, 2, 3 and 9)
■ BOOTP, DHCP client for IP address assignment
■ DHCP dynamic provision option 66,67
■ SNTP
■ Syslog (local flash)
■ Remotelog (RFC3164)
■ SMTP (email notification)
■ Support LLDP (802.1ab)
■ sFlow v4,v5
Routing
■ IPv4/IPv6 static route
■ RIP v1/v2
Dying Gasp
6KV Surge Protection (BASE-T Ports)
Power Supply
■ Power Input: 100 to 240 VAC, 50/60 Hz
Safety
■ UL (CSA 22.2 NO 62368-1 and UL62368-1)
■ CB (IEC62368-1)
■ BSMI (CNS 15598-1)
Electromagnetic Compatibility
■ CE Mark
■ FCC Class A
■ CISPR Class A
■ BSMI
■ VCCI
Environmental Specifications
■ Temperature:
-20°C to 55°C standard operation*
-40℃ to 70℃ (non-operating)
■ Humidity: 10% to 90% (non-condensing)
*Boot-up temperature -5°C to 55°C
Warranty
Please check www.edge-core.com for the warranty terms in your
country.
For More Information
To find out more about Edgecore Networks Corporation products
and solutions, visit www.edge-core.com.
About Edgecore Networks Corporation
Edgecore Networks Corporation is in the business of providing
innovative network solutions. In the service provider network, in the
data center or in the cloud, Edgecore Networks Corporation delivers
the soſtware and systems that transform the way the world
connects. Edgecore Networks Corporation serves customers and
partners worldwide. Additional information can be found at
www.edge-core.com.
Edgecore Networks Corporation is a subsidiary of Accton
Technology Corporation, the leading network ODM company. The
Edgecore data center switches are developed and manufactured by
Accton.
To purchase Edgecore Networks solutions, please contact your
Edgecore Networks Corporation representatives at +886 3 563 8888
(HQ) or +1 (949)-336-6801 or authorized resellers.
© Copyright 2025 Edgecore Networks Corporation. The information contained herein
is subject to change without notice. This document is for informational purposes only
and does not set forth any warranty, expressed or implied, concerning any
equipment, equipment feature, or service offered by Edgecore Networks Corporation.
Edgecore Networks Corporation shall not be liable for technical or editorial errors or
L2+/Lite L3 10GbE Access Switch
Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com