Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET4202-RJ45 Datasheet(PDF) 3 Page - Edgecore Networks Corporation

Part # ET4202-RJ45
Description  L2/Lite L3 10G Multi-Gigabit Ethernet Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

ET4202-RJ45 Datasheet(HTML) 3 Page - Edgecore Networks Corporation

  ET4202-RJ45 Datasheet HTML 1Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 2Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 3Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 4Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 5Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 6Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
L2+/Lite L3 10GbE Access Switch
Datasheet
Product Model
ECS5500-12T
ECS5500-12P
Product Image
Port
RJ-45 100M/1G/2.5G/5G/10G Ports
88
SFP+ 10G Uplink Ports
22
RJ-45 10G Uplink Ports
22
RJ-45 Console Port
11
USB Port
11
Performance
Switching Capacity
240 Gbps
240 Gbps
Forwarding Rate
178.51 Mpps
178.51 Mpps
Flash Memory (NOR/NAND)
64 MB/256 MB
64 MB/256 MB
DRAM
1 GB
1 GB
Packet Buffer Size
2 MB
2 MB
MAC Address Table Size
32 K
32 K
Jumbo Frames
12 KB
12 KB
Auto-negotiation, Auto-MDI/MDIXYes
Yes
Surge Protection
6KV/4KV (RJ-45, Power)
6KV/6KV (RJ-45, Power)
MTBF (hr) (25°C)
> 500 K> 500 K
Heat Dissipation (BTU/hr)
273
2047
Acoustic Noise (25°C)
< 39 dB (A)< 39 dB (A)
PoE
PoE Ports
x8
PoE++ based on IEEE 802.3bt (60 W)
xYes
PoE+ based on IEEE 802.3at/802.3af
xYes
Auto Disable Aſter Exceeding Power Budget
xYes
Dynamic Power Allocation
xYes
PoE Power Budget
x
480 W
Mechanical
Dimension (W x D x H) cm
33 x 22.3 x 4.4
33 x 22.3 x 4.4
Weight
2.38 kg (5.25 lb)
2.93 kg (6.46 lb)
Power Supply
100-240 VAC, 50-60 Hz
YesYes
Max System Power Consumption (Watts)
80 W
600 W (with 100% PoE load)
Environmental
Operating Temperature*
-20°C to 55°C*
-20°C to 55°C*
Storage Temperature
-40°C to 70°C
-40°C to 70°C
Operating Humidity (non-condensing)
5% to 95%
5% to 95%
Storage Humidity (non-condensing)
5% to 95%
5% to 95%
Environmental Regulation Compliance: WEEE
YesYes
Environmental Regulation Compliance: RoHS
YesYes
Certification
FCC Class A
Yes
Yes
CE
YesYes
Safety Compliance: CB
YesYes
Safety Compliance: UL
YesYes
ecCLOUD/TIP (OLS) Management
Supported
Supported
*Boot up temperature: -5~55°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com