Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET4202-RJ45 Datasheet(PDF) 6 Page - Edgecore Networks Corporation

Part # ET4202-RJ45
Description  L2/Lite L3 10G Multi-Gigabit Ethernet Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

ET4202-RJ45 Datasheet(HTML) 6 Page - Edgecore Networks Corporation

  ET4202-RJ45 Datasheet HTML 1Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 2Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 3Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 4Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 5Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 6Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EC-DS-0325-R01
Ordering Information
Optional Accessories
Product Description
ET4202-SX
1Gbps, (Distance: 500 m; Wavelength: 850 nm, DDM)
ET4202-LX
1Gbps, (Distance: 10 km; Wavelength: 1310 nm, DDM)
ET4202-EX
1Gbps, (Distance: 40 km; Wavelength: 1310 nm, DDM)
ET4202-ZX
1Gbps, (Distance: 80 km; Wavelength: 1550 nm, DDM)
ET4202-RJ45
1Gbps , (Distance:100 m)
ET5402-SR
10Gbps, (Distance: 3000 m; Wavelength: 850 nm, DDM)
ET5402-LR
10Gbps, (Distance: 10 km; Wavelength: 1310 nm, DDM)
ET5402-ER
10Gbps, (Distance: 40 km; Wavelength: 1550 nm, DDM)
ET5402-ZR
10Gbps, (Distance: 80 km; Wavelength: 1550 nm, DDM)
ET5402-DAC-xM
10G to 10G DAC cable,10G SFP+ DAC cable, 1-5 m
ET5402-AOC-xM
10G to 10G AOC cable,10G SFP+ AOC cable, 5-100 m
ecCLOUD Network Management Soſtware
• Note: More optics and detailed cabling information can be found at www.edge-core.com.
L2+/Lite L3 10GbE Access Switch
Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com