Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET4202-RJ45 Datasheet(PDF) 4 Page - Edgecore Networks Corporation

Part # ET4202-RJ45
Description  L2/Lite L3 10G Multi-Gigabit Ethernet Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

ET4202-RJ45 Datasheet(HTML) 4 Page - Edgecore Networks Corporation

  ET4202-RJ45 Datasheet HTML 1Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 2Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 3Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 4Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 5Page - Edgecore Networks Corporation ET4202-RJ45 Datasheet HTML 6Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
L2 Features
■ 1/2.5/5/10G BASE-T copper interfaces
■ Auto-negotiation for port speed and duplex mode
■ Auto MDI/MDI-X
■ Dual-speed (1G and 10G) fiber interfaces
■ SFP+ Ports Support:
IEEE 802.3ae changeable (10GBASE-SR/LR)
IEEE 802.3z (1000BASE-SX/LX) transceivers,and 10G DAC/AOC
■ Digital Diagnostic Monitoring (DDM) on 10G SFP+ port
■ Flow Control:
IEEE 802.3x for full-duplex mode
Back-Pressure for half-duplex mode
■ Jumbo frames 12KB
■ Broadcast/multicast/unknown unicast storm control
■ Spanning Tree Protocol:
IEEE 802.1D Spanning Tree Protocol (STP)
IEEE 802.1w Rapid Spanning Tree Protocol (RSTP)
IEEE 802.1s Multiple Spanning Tree Protocol (MSTP), 64 instances
BPDU Guard
BPDU filtering
Root Guard
BPDU transparent
Loopback detection
■ Non-Spanning Tree Loopback detection
■ ITU-T G.8032 Ethernet Ring Protection:
Sub 50 msec convergence
Revertive operation mode
Multiple-ring network
■ VLANs:
Supports 4K VLAN
Port-based VLAN
IEEE 802.1Q VLAN
GVRP
IEEE 802.1v protocol-based VLAN
IP subnet-based VLAN
MAC-based VLAN
Traffic Segmentation
■ L2 Virtual Private VLAN:
Q-in-Q
L2 protocol tunneling (xSTP, CDP, VTP and PVST+, LLDP)
CDP/PVST+ filtering
Selective Q-in-Q
■ Link Aggregation:
Static Trunk
IEEE 802.3ad Link Aggregation Control Protocol
Trunk Groups: 16, up to 8 GE/4 10G ports per group
Load Balancing: SA+DA, SA, DA, SIP+DIP, SIP, DIP
■ IGMP Snooping:
IGMP v1/v2/v3 Snooping
IGMP Proxy reporting
IGMP Filtering
IGMP Throttling
IGMP Immediate Leave
IGMP Querier
■ MVR (Multicast VLAN Registration): Supports 5 multicast VLANs
■ Port mirroring
■ Remote port mirror (RSPAN)
QoS Features
■ Priority Queues: 8 hardware queues per port
■ Traffic Classification:
IEEE 802.1p CoS
IP Precedence
DSCP
MAC access control list (source/destination MAC, Ether type,
priority ID/VLAN ID)
IP standard access control list (source IP)
IP extended access control list (source/destination IP, protocol,
TCP/UDP port number)
■ Traffic Scheduling:
Strict Priority
Weighted Round Robin
Strict + WRR
■ Ingress policy map (police rate, remark CoS)
■ Egress policy map (police rate, remark CoS/DSCP)
■ Rate Limiting (ingress and egress, per port base)
GE: Resolution 64 Kbps ~ 1,000 Mbps
10G: Resolution 64 Kbps ~ 10,000 Mbps
■ Auto Traffic Control
Security
■ Port security
■ IEEE 802.1X port-based and MAC-based authentication
■ Dynamic VLAN Assignment, AutoQoS
■ MAC authentication
■ Web authentication
■ Voice VLAN
■ Guest VLAN
■ L2/L3/L4 access control list:
MAC access control list (source/destination MAC, Ether type,
priority ID/VLAN ID)
IP standard access control list (source IP)
IP extended access control list (source/destination IP, protocol,
TCP/UDP port number)
■ IPv6 ACL
■ DHCP Snooping
■ DHCP Option 82
■ DHCP Option 82 Relay
■ IP Source Guard
■ PPPoE IA
■ Dynamic ARP Inspection
■ Denial of Service
■ Login security
■ RADIUS authentication
■ RADIUS accounting
■ TACACS +authentication
■ TACACS +accounting
■ TACACS +authorization
■ Management interface sccess filtering (SNMP, Web, Telnet)
■ SSH (v2) for secure Telnet
■ SSL for HTTPS
■ SNMP v1/v2c/v3
Green Ethernet
■ IEEE 802.3az Energy-Efficient Ethernet (EEE)
L2+/Lite L3 10GbE Access Switch
Datasheet
88
22
22
11
11
K>
)<
x8
xY
xY
xY
xY
sY
sY
sY
A
Y
sY
sY
sY



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com