Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet (PDF) - STMicroelectronics

TS488 Datasheet PDF - STMicroelectronics
Part # TS488
Download  TS488 Download
File Size   783.42 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Pop-free 120 mW stereo headphone amplifier

TS488 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS488 Datasheet PDF - STMicroelectronics

Part # TS488
Download  TS488 Click to download

File Size   783.42 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Pop-free 120 mW stereo headphone amplifier

TS488 Datasheet (HTML) - STMicroelectronics


TS488 Product details

Features
• Pop and click noise protection circuitry
• Operating range from VCC = 2.2 V to 5.5 V
• Standby mode active low
• Output power:
– 120 mW at 5 V, into 16 Ω with 0.1% THD+N max. (1 kHz)
– 55 mW at 3.3 V, into 16 Ω with 0.1% THD+N max. (1 kHz)
• Low current consumption: 2.7 mA max. at 5 V
• Ultra-low standby current consumption: 10 nA typical
• High signal-to-noise ratio
• High crosstalk immunity: 102 dB (F = 1 kHz)
• PSRR: 70 dB typ. (F = 1 kHz), inputs grounded at 5 V
• Unity-gain stable
• Short-circuit protection circuitry
• Available in DFN8 2x2 mm

Applications
• Headphone amplifiers
• Mobile phones, PDAs, computer motherboards
• High-end TVs, portable audio players




Similar Part No. - TS488

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS488 STMICROELECTRONICS-TS488 Datasheet
561Kb / 32P
Pop-free 120mW stereo headphone amplifier
15-Sep-2006
TS488IQT STMICROELECTRONICS-TS488IQT Datasheet
561Kb / 32P
Pop-free 120mW stereo headphone amplifier
15-Sep-2006
TS488IST STMICROELECTRONICS-TS488IST Datasheet
561Kb / 32P
Pop-free 120mW stereo headphone amplifier
15-Sep-2006
More results


Similar Description - TS488

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS488 STMICROELECTRONICS-TS488 Datasheet
561Kb / 32P
Pop-free 120mW stereo headphone amplifier
15-Sep-2006
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
138-mW DirectPath Stereo Headphone Amplifier
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com