Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120 mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 1 Page - STMicroelectronics

  TS488 Datasheet HTML 1Page - STMicroelectronics TS488 Datasheet HTML 2Page - STMicroelectronics TS488 Datasheet HTML 3Page - STMicroelectronics TS488 Datasheet HTML 4Page - STMicroelectronics TS488 Datasheet HTML 5Page - STMicroelectronics TS488 Datasheet HTML 6Page - STMicroelectronics TS488 Datasheet HTML 7Page - STMicroelectronics TS488 Datasheet HTML 8Page - STMicroelectronics TS488 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Features
•
Pop and click noise protection circuitry
•
Operating range from VCC = 2.2 V to 5.5 V
•
Standby mode active low
•
Output power:
–
120 mW at 5 V, into 16 Ω with 0.1% THD+N max. (1 kHz)
–
55 mW at 3.3 V, into 16 Ω with 0.1% THD+N max. (1 kHz)
•
Low current consumption: 2.7 mA max. at 5 V
•
Ultra-low standby current consumption: 10 nA typical
•
High signal-to-noise ratio
•
High crosstalk immunity: 102 dB (F = 1 kHz)
•
PSRR: 70 dB typ. (F = 1 kHz), inputs grounded at 5 V
•
Unity-gain stable
•
Short-circuit protection circuitry
•
Available in DFN8 2x2 mm
Applications
•
Headphone amplifiers
•
Mobile phones, PDAs, computer motherboards
•
High-end TVs, portable audio players
Description
The TS488 is a dual audio power amplifier capable of driving, in single-ended mode,
either a 16 Ω or a 32 Ω stereo headset.
The TS488 eliminates pop and click noise and reduces the number of required
external passive components.
Capable of descending to low voltages, it delivers up to 31 mW per channel (into 16
Ω loads) of continuous average power with 0.1% THD+N in the audio bandwidth from
a 2.5 V power supply.
An externally-controlled standby mode reduces the supply current to 10 nA (typ.).
The unity gain stable is configured by external gain-setting resistors.
Product status link
TS488
Product summary
Order code
TS488IQT
Temperature
range
-40 to +85 °C
Package
DFN8 2x2 mm
Packing
Tape and reel
Marking
K88
Pop-free 120 mW stereo headphone amplifier
TS488
Datasheet
DS4579 - Rev 8 - May 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TS488

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS488 STMICROELECTRONICS-TS488 Datasheet
561Kb / 32P
Pop-free 120mW stereo headphone amplifier
15-Sep-2006
TS488IQT STMICROELECTRONICS-TS488IQT Datasheet
561Kb / 32P
Pop-free 120mW stereo headphone amplifier
15-Sep-2006
TS488IST STMICROELECTRONICS-TS488IST Datasheet
561Kb / 32P
Pop-free 120mW stereo headphone amplifier
15-Sep-2006
More results

Similar Description - TS488

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS488 STMICROELECTRONICS-TS488 Datasheet
561Kb / 32P
Pop-free 120mW stereo headphone amplifier
15-Sep-2006
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
138-mW DirectPath Stereo Headphone Amplifier
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com