Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120 mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS488 Datasheet HTML 18Page - STMicroelectronics TS488 Datasheet HTML 19Page - STMicroelectronics TS488 Datasheet HTML 20Page - STMicroelectronics TS488 Datasheet HTML 21Page - STMicroelectronics TS488 Datasheet HTML 22Page - STMicroelectronics TS488 Datasheet HTML 23Page - STMicroelectronics TS488 Datasheet HTML 24Page - STMicroelectronics TS488 Datasheet HTML 25Page - STMicroelectronics TS488 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Note:
In case FCL is kept the same for calculation, It must be taken in account that the 1st order high-pass filter on the
input and the 1st order high-pass filter on the output create a 2nd order high-pass filter in the audio signal path
with an attenuation 6 dB on FCL and a roll-off 40 db⁄ decade.
5.4
Higher cut-off frequency
In the high-frequency region, you can limit the bandwidth by adding a capacitor Cfeed in parallel with Rfeed. It
forms a low-pass filter with a -3 dB cut-off frequency FCH. Assuming that FCH is the highest frequency to be
amplified (with a 3 dB attenuation), the maximum value of Cfeed is:
FCH= 1
2π⋅Rfeed⋅Cfeed
(14)
Figure 77. Higher cut-off frequency vs. feedback capacitor
0.01
0.1
1
10
100
100
1k
10k
100k
Rfeed=40kΩ
Rfeed=80k Ω
Rfeed=20k Ω
Cfeed (μF)
Rfeed=10kΩ
5.5
Gain settings
In the flat frequency response region (with no effect from Cin, Cout, Cfeed), the output voltage is:
VOUT=VIN⋅ −RfeedRin =VIN⋅AV
(15)
The gain AV is:
AV=−RfeedRin
(16)
5.6
Decoupling of the circuit
Two capacitors are needed to properly bypass the TS488, a power supply capacitor Cs and a bias voltage bypass
capacitor Cb.
Cs has a strong influence on the THD+N in the high frequency range (above 7 kHz) and indirectly on the power
supply disturbances. With 1 µF, you can expect THD+N performance to be similar to the one shown in the
datasheet. If Cs is lower than 1 µF, the THD+N increases in the higher frequencies and disturbances on the power
supply rail are less filtered. On the contrary, if Cs is higher than 1 µF, the disturbances on the power supply rail are
more filtered.
TS488
Higher cut-off frequency
DS4579 - Rev 8
page 22/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com