Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120 mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS488 Datasheet HTML 20Page - STMicroelectronics TS488 Datasheet HTML 21Page - STMicroelectronics TS488 Datasheet HTML 22Page - STMicroelectronics TS488 Datasheet HTML 23Page - STMicroelectronics TS488 Datasheet HTML 24Page - STMicroelectronics TS488 Datasheet HTML 25Page - STMicroelectronics TS488 Datasheet HTML 26Page - STMicroelectronics TS488 Datasheet HTML 27Page - STMicroelectronics TS488 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
If Cb has a value other than 1 µF, tWU can be calculated by applying the following formulas or can be read directly
from Figure 79. Typical wake-up time vs. bypass capacitance
tWU=Cb⋅2.5
0.03125+20ms;μF
(17)
Figure 79. Typical wake-up time vs. bypass capacitance
0
1
2
3
4
5
0
50
100
150
200
250
300
350
400
T
AMB=25°C
Cb (μF)
Note:
It is assumed that the Cb voltage is equal to 0 V. If the Cb voltage is not equal to 0 V, the wake-up time is shorter.
5.10
POP performance
Pop performance is closely related to the size of the input capacitor Cin. The size of Cin is dependent on the lower
cut-off frequency and PSRR values requested.
In order to reach low pop, Cin must be charged to VCC/2 in less than 20 ms. To follow this rule, the equivalent
input constant time (RinCin) should be less then 6.7 ms:
tin = Rin x Cin < 0.0067 (s)
Example calculation:
In the typical application schematic Rin is 20 kΩ and Cin is 330 nF. The lower cut-off frequency (-3 db attenuation)
is given by the following formula
FCL= 1
2π⋅Rin⋅Cin
(18)
With the values above, the result is FCL = 25 Hz.
In this case, tin = Rin x Cin=6.6 ms.
This value is sufficient with regard to the previous formula, thus we can state that the pop is imperceptible.
Connecting the headphones
Generally headphones are connected using jack connectors. To prevent a pop in the headphones when plugging
in the jack, a pull-down resistor should be connected in parallel with each headphone output. This allows the
capacitors Cout to be charged even when the headphones are not plugged in.
Pull-down resistors with a value of 1 kΩ are high enough to be a negligible load, and low enough to charge the
capacitors Cout in less than one second.
Note:
The pop&click reduction circuitry works properly only when both channels have the same value for the external
components Cin, Cout, Rload and Rpulldown.
TS488
POP performance
DS4579 - Rev 8
page 24/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com