Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120 mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS488 Datasheet HTML 9Page - STMicroelectronics TS488 Datasheet HTML 10Page - STMicroelectronics TS488 Datasheet HTML 11Page - STMicroelectronics TS488 Datasheet HTML 12Page - STMicroelectronics TS488 Datasheet HTML 13Page - STMicroelectronics TS488 Datasheet HTML 14Page - STMicroelectronics TS488 Datasheet HTML 15Page - STMicroelectronics TS488 Datasheet HTML 16Page - STMicroelectronics TS488 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Figure 34. Total harmonic distortion plus noise vs. output
power RL=32 Ω, F=20 kHz, AV=-2
1
10
100
0.01
0.1
1
10
V
CC=3.3V
V
CC=5V
V
CC=2.5V
F=20kHz, R
L=32Ω
A
V=-2, T
AMB=25°C
BW=20Hz-120kHz
Output Power (mW)
200
Figure 35. Total harmonic distortion plus noise vs. output
power RL=600 Ω, F=1 kHz, AV=-2
0.01
0.1
1
1E-3
0.01
0.1
1
10
V
CC=3.3V
V
CC=5V
V
CC=2.5V
F=1kHz, R
L=600Ω
A
V=-2, T
AMB=25°C
BW=20Hz-120kHz
Output Voltage (V
RMS)
3
Figure 36. Total harmonic distortion plus noise vs. output
power RL=600 Ω, F=20 kHz, AV=-2
0.01
0.1
1
0.01
0.1
1
10
V
CC=3.3V
V
CC=5V
V
CC=2.5V
F=20kHz, R
L=600Ω
A
V=-2, T
AMB=25°C
BW=20Hz-120kHz
Output Voltage (V
RMS)
3
Figure 37. Total harmonic distortion plus noise vs. output
power RL=16 Ω, F=1 kHz, AV=-4
1
10
100
1E-3
0.01
0.1
1
10
V
CC=3.3V
V
CC=5V
V
CC=2.5V
F=1kHz, R
L=16Ω
A
V=-4, T
AMB=25°C
BW=20Hz-120kHz
Output Power (mW)
200
TS488
Electrical characteristics curves
DS4579 - Rev 8
page 13/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com