Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120 mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TS488 Datasheet HTML 24Page - STMicroelectronics TS488 Datasheet HTML 25Page - STMicroelectronics TS488 Datasheet HTML 26Page - STMicroelectronics TS488 Datasheet HTML 27Page - STMicroelectronics TS488 Datasheet HTML 28Page - STMicroelectronics TS488 Datasheet HTML 29Page - STMicroelectronics TS488 Datasheet HTML 30Page - STMicroelectronics TS488 Datasheet HTML 31Page - STMicroelectronics TS488 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Figure 49.
Total harmonic distortion plus noise vs. frequency RL=16 Ω, AV=-4 ............................... 15
Figure 50.
Total harmonic distortion plus noise vs. frequency RL=32 Ω, AV=-4 ............................... 16
Figure 51.
Total harmonic distortion plus noise vs. frequency RL=600 Ω, AV=-4 .............................. 16
Figure 52.
Output power vs. load resistance VCC=2.5 V .............................................. 16
Figure 53.
Output power vs. load resistance VCC=3.3 V .............................................. 16
Figure 54.
Output power vs. load resistance VCC=5 V ................................................ 16
Figure 55.
Output power vs. power supply voltage .................................................. 16
Figure 56.
Output power vs. power supply voltage
RL=32 Ω ......................................... 17
Figure 57.
Output power swing vs. power supply voltage.............................................. 17
Figure 58.
Current consumption vs. power supply voltage ............................................. 17
Figure 59.
Current consumption vs. standby voltage ................................................. 17
Figure 60.
Current consumption vs. standby voltage VCC=3.3 V ......................................... 17
Figure 61.
Current consumption vs. standby voltage VCC=5 V .......................................... 17
Figure 62.
Crosstalk vs. frequency ............................................................. 18
Figure 63.
Crosstalk vs. frequency RL=32 Ω ...................................................... 18
Figure 64.
Crosstalk vs. frequency RL=16 Ω, VCC=3.3 V .............................................. 18
Figure 65.
Crosstalk vs. frequency RL=32 Ω, VCC=3.3 V, PO=25 mW ..................................... 18
Figure 66.
Crosstalk vs. frequency RL=16 Ω, VCC=5 V ............................................... 18
Figure 67.
Crosstalk vs. frequency RL=32 Ω, VCC=5 V, PO=60 mW ...................................... 18
Figure 68.
Crosstalk vs. frequency RL=16 Ω, VCC=2.5 V, PO=20 mW AV=-4 ................................ 19
Figure 69.
Crosstalk vs. frequency RL=32 Ω, VCC=2.5 V, PO=12 mW, AV=-4 ................................ 19
Figure 70.
Crosstalk vs. frequency RL=16 Ω, VCC=3.3 V, PO=40 mW, AV=-4 ................................ 19
Figure 71.
Crosstalk vs. frequency RL=32 Ω, VCC=3.3 V, PO=25 mW, AV=-4 ................................ 19
Figure 72.
Crosstalk vs. frequency RL=16 Ω, VCC=5 V, PO=100 mW, AV=-4 ................................ 19
Figure 73.
Crosstalk vs. frequency RL=32 Ω, VCC=5 V, PO=60 mW ...................................... 19
Figure 74.
Current delivered by power supply voltage in single-ended configuration ........................... 20
Figure 75.
Lower cut-off frequency vs. input capacitor ............................................... 21
Figure 76.
Lower cut-off frequency vs. output capacitor .............................................. 21
Figure 77.
Higher cut-off frequency vs. feedback capacitor ............................................ 22
Figure 78.
Internal equivalent schematic of the TS488 in standby mode ................................... 23
Figure 79.
Typical wake-up time vs. bypass capacitance .............................................. 24
Figure 80.
DFN8 2x2 package outline ........................................................... 25
TS488
List of figures
DS4579 - Rev 8
page 31/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com