Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120 mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS488 Datasheet HTML 2Page - STMicroelectronics TS488 Datasheet HTML 3Page - STMicroelectronics TS488 Datasheet HTML 4Page - STMicroelectronics TS488 Datasheet HTML 5Page - STMicroelectronics TS488 Datasheet HTML 6Page - STMicroelectronics TS488 Datasheet HTML 7Page - STMicroelectronics TS488 Datasheet HTML 8Page - STMicroelectronics TS488 Datasheet HTML 9Page - STMicroelectronics TS488 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Table 6. Electrical characteristics at VCC=+2.5 V with GND =0 V, Tamb= 25 °C (unless otherwise specified)
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
ICC
Supply current
No input signal, no load
1.8
2.5
mA
ISTBY
Standby current
No input signal, VSTBY = GND RL = 32 Ω
10
1000
nA
Pout
Output power
THD+N = 0.1% max., F = 1 kHz, RL = 32 Ω
19
mW
THD+N = 1% max. F = 1 kHz, RL = 32 Ω
18
20
THD+N = 0.1% max., F = 1 kHz, RL = 16 Ω
31
THD+N = 1% max, F = 1 kHz, RL = 16 Ω
27
32
THD+N
Total harmonic distortion +
noise
AV=-1, RL = 32 Ω, Pout = 10 mW, 20 Hz ≤ F ≤ 20 kHz
0.3
%
AV=-1, RL = 16 Ω, Pout = 16 mW, 20 Hz ≤ F ≤ 20 kHz
0.3
PSRR
Power supply rejection
ratio, inputs grounded(1)
AV=-1, RL ≥ 16 Ω, Cb=1 µF, F = 1 kHz, Vripple = 200 mVpp
68
dB
AV=-1, RL ≥ 16 Ω, Cb=1 µF, F = 217 kHz, Vripple = 200
mVpp
61
66
VO
Output swing
VOL: RL = 32 Ω
0.12 0.16
V
VOH: RL = 32 Ω
2.03 2.36
VOL: RL = 16 Ω
0.22 0.28
VOH: RL = 16 Ω
2.15 2.25
SNR
Signal-to-noise ratio
A-weighted, AV=-1, RL = 32 Ω, THD+N < 0.4%, 20 Hz ≤ F ≤
20 kHz
100
dB
Crosstalk Channel separation
RL = 32 Ω, AV = -1, F = 1 kHz, F = 20 Hz to 20 kHz
-102
dB
RL = 32 Ω, AV = -1, F = 1 kHz, F = 20 Hz to 20 kHz
-84
dB
Ci
Input capacitance
1
pF
GBP
Gain bandwidth product
RL = 32 Ω
1.1
MHz
SR
Slew rate, unity gain
inverting
RL = 16 Ω
0.6
V/µs
VIO
Input offset voltage
Vicm=VCC/2
1
20
mV
twu
Wake-up time
100
ms
1. Guaranteed by design and evaluation.
TS488
Electrical characteristics
DS4579 - Rev 8
page 6/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com