Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120 mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS488 Datasheet HTML 17Page - STMicroelectronics TS488 Datasheet HTML 18Page - STMicroelectronics TS488 Datasheet HTML 19Page - STMicroelectronics TS488 Datasheet HTML 20Page - STMicroelectronics TS488 Datasheet HTML 21Page - STMicroelectronics TS488 Datasheet HTML 22Page - STMicroelectronics TS488 Datasheet HTML 23Page - STMicroelectronics TS488 Datasheet HTML 24Page - STMicroelectronics TS488 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
PdissMAX=V2CCπ2RL(W)
(9)
Note:
This maximum value depends only on power supply voltage and load values.
The efficiency is the ratio between the output power and the power supply:
η= POUT
Psupply=πVpeak2VCC
(10)
The maximum theoretical value is reached when Vpeak = VCC/2, so
η=π4=78.5%
(11)
5.2
Total power dissipation
The TS488 is stereo (dual channel) amplifier. It has two independent power amplifiers. Each amplifier produces
heat due to its power dissipation. Therefore the maximum die temperature is the sum of each amplifier’s
maximum power dissipation. It is calculated as follows:
•
Pdiss R = power dissipation due to the right channel power amplifier
•
Pdiss L = power dissipation due to the left channel power amplifier
•
Total Pdiss = Pdiss R + Pdiss L (W)
Typically, Pdiss R is equal to Pdiss L, giving:
TotalPdiss=2PdissR=2PdissL
TotalPdiss=2 2VCCπRL POUT−2POUT
(12)
5.3
Lower cut-off frequency
The lower cut-off frequency FCL of the amplifier depends on input capacitors Cin and output capacitors Cout.
The input capacitor Cin (output capacitor Cout) in serial with the input resistor Rin (load resistor RL) of the amplifier
is equivalent to a first order high pass filter. Assuming that FCL is the lowest frequency to be amplified (with a 3 dB
attenuation), the minimum value of the Cin (Cout) is:
Cin= 1
2π⋅FCL⋅Rin
Cout= 1
2π⋅FCL⋅RL
(13)
Figure 75. Lower cut-off frequency vs. input capacitor
1
10
100
1000
10
100
1k
10k
Rin=50kΩ
Rin=100k Ω
Rin=20k Ω
Cin (nF)
Rin=10kΩ
Figure 76. Lower cut-off frequency vs. output capacitor
0.1
1
10
100
1000
10
100
1k
10k
R
L=32Ω
R
L=600Ω
R
L=16Ω
Cout (μF)
TS488
Total power dissipation
DS4579 - Rev 8
page 21/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com