Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120 mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS488 Datasheet HTML 13Page - STMicroelectronics TS488 Datasheet HTML 14Page - STMicroelectronics TS488 Datasheet HTML 15Page - STMicroelectronics TS488 Datasheet HTML 16Page - STMicroelectronics TS488 Datasheet HTML 17Page - STMicroelectronics TS488 Datasheet HTML 18Page - STMicroelectronics TS488 Datasheet HTML 19Page - STMicroelectronics TS488 Datasheet HTML 20Page - STMicroelectronics TS488 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Figure 56. Output power vs. power supply voltage
RL=32 Ω
2
3
4
5
6
0
20
40
60
80
100
120
140
THD+N=1%
R
L=32Ω, F=1kHz
T
AMB=25°C
BW=20Hz-120kHz
Power Supply Voltage (V)
THD+N=10%
Figure 57. Output power swing vs. power supply voltage
2
3
4
5
6
0
1
2
3
4
5
6
RL=16Ω
T
AMB=25°C
Power Supply Voltage (V)
RL=32Ω
Figure 58. Current consumption vs. power supply voltage
2
3
4
5
6
0
1
2
3
T
AMB= -40°C
T
AMB= 85°C
T
AMB= 25°C
No Loads
Power Supply Voltage (V)
Figure 59. Current consumption vs. standby voltage
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
TS488, T
AMB=-40°C
TS488, T
AMB=25°C
TS488, T
AMB=85°C
V
CC=2.5V
Standby Voltage (V)
Figure 60. Current consumption vs. standby voltage
VCC=3.3 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
TS488, T
AMB=-40°C
TS488, T
AMB=25°C
TS488, T
AMB=85°C
V
CC=3.3V
Standby Voltage (V)
Figure 61. Current consumption vs. standby voltage
VCC=5 V
0.0
0.5
1.0
1.5
2.0
4
5
0
1
2
3
4
5
TS488, T
AMB=-40°C
TS488, T
AMB=25°C
TS488, T
AMB=85°C
V
CC=5V
Standby Voltage (V)
TS488
Electrical characteristics curves
DS4579 - Rev 8
page 17/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com