Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120 mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS488 Datasheet HTML 5Page - STMicroelectronics TS488 Datasheet HTML 6Page - STMicroelectronics TS488 Datasheet HTML 7Page - STMicroelectronics TS488 Datasheet HTML 8Page - STMicroelectronics TS488 Datasheet HTML 9Page - STMicroelectronics TS488 Datasheet HTML 10Page - STMicroelectronics TS488 Datasheet HTML 11Page - STMicroelectronics TS488 Datasheet HTML 12Page - STMicroelectronics TS488 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Figure 12. Power derating curves
0
25
50
75
100
125
150
0
1
2
3
4-layer PCB
DFN8
No heatsink
Ambiant Temperature(°C)
Figure 13. Signal-to-noise ratio vs. power supply voltage
A weighted AV=-1
2
3
4
5
6
98
100
102
104
106
108
110
RL=32Ω
A-weighted Filter
Av=-1, T
AMB=25°C
Cb=1μF
THD+N<0.4%
Power Supply Voltage (V)
RL=16Ω
Figure 14. Signal-to-noise ratio vs. power supply voltage
A unweighted AV=-1
2
3
4
5
6
94
96
98
100
102
104
106
RL=32Ω
Unweighted Filter
(20Hz-20kHz)
Av=-1, T
AMB=25°C
Cb=1μF
THD+N<0.4%
Power Supply Voltage (V)
RL=16Ω
Figure 15. Signal-to-noise ratio vs. power supply voltage
A weighted AV=-2
2
3
4
5
6
94
96
98
100
102
104
106
RL=32Ω
A-weighted Filter
Av=-2, T
AMB=25°C
Cb=1μF
THD+N<0.4%
Power Supply Voltage (V)
RL=16Ω
TS488
Electrical characteristics curves
DS4579 - Rev 8
page 9/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com