Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120 mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS488 Datasheet HTML 23Page - STMicroelectronics TS488 Datasheet HTML 24Page - STMicroelectronics TS488 Datasheet HTML 25Page - STMicroelectronics TS488 Datasheet HTML 26Page - STMicroelectronics TS488 Datasheet HTML 27Page - STMicroelectronics TS488 Datasheet HTML 28Page - STMicroelectronics TS488 Datasheet HTML 29Page - STMicroelectronics TS488 Datasheet HTML 30Page - STMicroelectronics TS488 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Revision history
Table 8. Document revision history
Date
Version
Changes
02-Jan-2006
1
Initial release.
01-Feb-2006
2
Removal of typical application schematic on first page (it appears in Figure 1
on page 3).
Minor grammatical and formatting corrections throughout
04-Aug-2006
3
Update of marking.
Update of DFN8 package height.
Editorial update.
15-Sep-2006
4
Revision corresponding to the release to production of the TS488 - TS489
14-May-2012
5
Removed obsolete part numbers TS489IQT and TS489IST from the cover
page and Table 8: Order codes.
Updated ECOPACK® text in Section 5: Package mechanical data.
Updated package in Section 5.2: DFN8 package.
13-Apr-2017
6
Updated Section 5.2: DFN8 package information: "L" dimension changed
from 0.5 mm to 0.425 mm.
Minor changes throughout the document.
17-Apr-2019
7
Removed the part number TS489 and all its references.
06-May-2020
8
UpdatedFigure 1. Typical application for the TS488.
TS488
DS4579 - Rev 8
page 27/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com