Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120 mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TS488 Datasheet HTML 24Page - STMicroelectronics TS488 Datasheet HTML 25Page - STMicroelectronics TS488 Datasheet HTML 26Page - STMicroelectronics TS488 Datasheet HTML 27Page - STMicroelectronics TS488 Datasheet HTML 28Page - STMicroelectronics TS488 Datasheet HTML 29Page - STMicroelectronics TS488 Datasheet HTML 30Page - STMicroelectronics TS488 Datasheet HTML 31Page - STMicroelectronics TS488 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
List of figures
Figure 1.
Typical application for the TS488 ....................................................... 2
Figure 2.
Open-loop frequency response VCC = 2.5 V
RL=16 Ω .................................... 7
Figure 3.
Open-loop frequency response VCC = 5 V
RL=16 Ω ....................................... 7
Figure 4.
Open-loop frequency response VCC=2.5 V RL=16 Ω, CL=400 pF ................................ 7
Figure 5.
Open-loop frequency response VCC=5 V RL=16 Ω, CL=400 pF.................................. 7
Figure 6.
Open-loop frequency response VCC = 2.5 V
RL=32 Ω ....................................... 8
Figure 7.
Open-loop frequency response VCC = 5 V
RL=32 Ω ........................................ 8
Figure 8.
Open-loop frequency response VCC=2.5 V
RL=32 Ω, CL=400 pF ............................... 8
Figure 9.
Open-loop frequency response VCC = 5 V
RL=32 Ω, CL=400 pF .............................. 8
Figure 10.
Open-loop frequency response VCC=2.5 V RL=600 Ω ......................................... 8
Figure 11.
Open-loop frequency response VCC=5 V RL=600 Ω .......................................... 8
Figure 12.
Power derating curves ............................................................... 9
Figure 13.
Signal-to-noise ratio vs. power supply voltage A weighted AV=-1.................................. 9
Figure 14.
Signal-to-noise ratio vs. power supply voltage A unweighted AV=-1 ................................ 9
Figure 15.
Signal-to-noise ratio vs. power supply voltage A weighted AV=-2.................................. 9
Figure 16.
Signal-to-noise ratio vs. power supply voltage A unweighted AV=-2 ............................... 10
Figure 17.
Signal-to-noise ratio vs. power supply voltage A weighted AV=-4................................. 10
Figure 18.
Signal-to-noise ratio vs. power supply voltage A unweighted AV=-4 ............................... 10
Figure 19.
Power dissipation vs. output power per channel VCC= 2.5 V .................................... 10
Figure 20.
Power dissipation vs. output power per channel VCC= 3.3 V .................................... 10
Figure 21.
Power dissipation vs. output power per channel VCC= 5 V ..................................... 10
Figure 22.
Power supply rejection ratio vs. frequency ................................................ 11
Figure 23.
Power supply rejection ratio vs. frequency VCC= 3.3 V ........................................ 11
Figure 24.
Power supply rejection ratio vs. frequency VCC= 3.3 V, AV= -1 .................................. 11
Figure 25.
Total harmonic distortion plus noise vs. output power RL=16 Ω ................................. 11
Figure 26.
Total harmonic distortion plus noise vs. output power RL=16 Ω, F=20 kHz .......................... 11
Figure 27.
Total harmonic distortion plus noise vs. output power RL=32 Ω, F=1 kHz ........................... 11
Figure 28.
Total harmonic distortion plus noise vs. output power RL=32 Ω, F=20 kHz .......................... 12
Figure 29.
Total harmonic distortion plus noise vs. output power RL=600 Ω, F=1 kHz .......................... 12
Figure 30.
Total harmonic distortion plus noise vs. output power RL=600 Ω, F=20 kHz ......................... 12
Figure 31.
Total harmonic distortion plus noise vs. output power RL=16 Ω, F=1 kHz, AV=-2 ...................... 12
Figure 32.
Total harmonic distortion plus noise vs. output power RL=16 Ω, F=20 kHz, AV=-2 ..................... 12
Figure 33.
Total harmonic distortion plus noise vs. output power RL=32 Ω, F=1 kHz, AV=-2 ...................... 12
Figure 34.
Total harmonic distortion plus noise vs. output power RL=32 Ω, F=20 kHz, AV=-2 ..................... 13
Figure 35.
Total harmonic distortion plus noise vs. output power RL=600 Ω, F=1 kHz, AV=-2 ..................... 13
Figure 36.
Total harmonic distortion plus noise vs. output power RL=600 Ω, F=20 kHz, AV=-2 .................... 13
Figure 37.
Total harmonic distortion plus noise vs. output power RL=16 Ω, F=1 kHz, AV=-4 ...................... 13
Figure 38.
Total harmonic distortion plus noise vs. output power RL=16 Ω, F=20 kHz, AV=-4 ..................... 14
Figure 39.
Total harmonic distortion plus noise vs. output power RL=32 Ω, F=1 kHz, AV=-4 ...................... 14
Figure 40.
Total harmonic distortion plus noise vs. output power RL=32 Ω, F=20 kHz, AV=-4 ..................... 14
Figure 41.
Total harmonic distortion plus noise vs. output power RL=600 Ω, F=1 kHz, AV=-4 ..................... 14
Figure 42.
Total harmonic distortion plus noise vs. output power RL=600 Ω, F=20 kHz, AV=-4 .................... 14
Figure 43.
Total harmonic distortion plus noise vs. frequency RL=16 Ω .................................... 14
Figure 44.
Total harmonic distortion plus noise vs. frequency RL=32 Ω .................................... 15
Figure 45.
Total harmonic distortion plus noise vs. frequency RL=600 Ω ................................... 15
Figure 46.
Total harmonic distortion plus noise vs. frequency RL=16 Ω, AV=-2 ............................... 15
Figure 47.
Total harmonic distortion plus noise vs. frequency RL=32 Ω, AV=-2 ............................... 15
Figure 48.
Total harmonic distortion plus noise vs. frequency RL=600 Ω, AV=-2 .............................. 15
TS488
List of figures
DS4579 - Rev 8
page 30/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com