Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120 mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 3 Page - STMicroelectronics

  TS488 Datasheet HTML 1Page - STMicroelectronics TS488 Datasheet HTML 2Page - STMicroelectronics TS488 Datasheet HTML 3Page - STMicroelectronics TS488 Datasheet HTML 4Page - STMicroelectronics TS488 Datasheet HTML 5Page - STMicroelectronics TS488 Datasheet HTML 6Page - STMicroelectronics TS488 Datasheet HTML 7Page - STMicroelectronics TS488 Datasheet HTML 8Page - STMicroelectronics TS488 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
2
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
6
V
Vi
Input voltage
-0.3 V to VCC +0.3 V
V
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction-to-ambient
70
°C/W
Pdiss
Power dissipation(2)
1.79
W
ESD
Human body model (pin to pin)
2
kV
Machine mode l220 pF - 240 pF (pin-to-pin)
200
V
200
V
Latch-up
Latch-up immunity (all pins)
200
mA
Lead temperature (soldering, 10 s)
250
°C
Output short-circuit to VCC or GND
continuous (3)
1. All voltage values are measured with respect to the ground pin.
2. Pdiss is calculated with Tamb = 25 °C, Tj = 150 °C.
3. Attention must be paid to continuous power dissipation (VDD x 250 mA). Short-circuits can cause excessive heating and
destructive dissipation. Exposing the IC to a short-circuit for an extended period of time dramatically reduceS the product’s
life expectancy.
Table 3. Operational data
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.2 to 5.5
V
RL
Load resistor
≥ 16
Ω
Toper
Operating free air temperature range
-40 to + 85
°C
CL
Load capacitor: RL = 16 to 100 Ω
RL>100 Ω
400
pF
100
VSTBY
TS488 active
1.5 ≤ V ≤ VCC
V
TS488 in standby
GND ≤ VSTBY ≤ 0.4(1)
Rthja
Thermal resistance junction-to-ambient:
DFN8(2)
40
°C/W
1. The minimum current consumption (ISTBY) is guaranteed at GND for the whole temperature range.
2. When mounted on a 4-layer PCB.
TS488
Absolute maximum ratings
DS4579 - Rev 8
page 3/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com