Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120 mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS488 Datasheet HTML 19Page - STMicroelectronics TS488 Datasheet HTML 20Page - STMicroelectronics TS488 Datasheet HTML 21Page - STMicroelectronics TS488 Datasheet HTML 22Page - STMicroelectronics TS488 Datasheet HTML 23Page - STMicroelectronics TS488 Datasheet HTML 24Page - STMicroelectronics TS488 Datasheet HTML 25Page - STMicroelectronics TS488 Datasheet HTML 26Page - STMicroelectronics TS488 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Cb has an influence on the THD+N in the low frequency range. Its value is critical on the PSRR with grounded
inputs in the lower frequencies:
•
If Cb is lower than 1 µF, the THD+N improves and the PSRR worsens
•
If Cb is higher than 1 µF, the benefit on the THD+N and PSRR is small
Note:
The input capacitor Cin also has a significant effect on the PSRR at lower frequencies. The lower the value of
Cin, the higher the PSRR.
5.7
Decoupling of the circuit
Two capacitors are needed to properly bypass the TS488, a power supply capacitor Cs and a bias voltage bypass
capacitor Cb.
Cs has a strong influence on the THD+N in the high frequency range (above 7 kHz) and indirectly on the power
supply disturbances. With 1 µF, you can expect THD+N performance to be similar to the one shown in the
datasheet. If Cs is lower than 1 µF, the THD+N increases in the higher frequencies and disturbances on the power
supply rail are less filtered. On the contrary, if Cs is higher than 1 µF, the disturbances on the power supply rail are
more filtered.
Cb has an influence on the THD+N in the low frequency range. Its value is critical on the PSRR with grounded
inputs in the lower frequencies:
•
If Cb is lower than 1 µF, the THD+N improves and the PSRR worsens
•
If Cb is higher than 1 µF, the benefit on the THD+N and PSRR is small
Note:
The input capacitor Cin also has a significant effect on the PSRR at lower frequencies. The lower the value of
Cin, the higher the PSRR.
5.8
Standby mode
When the standby mode is activated an internal circuit of the TS488 is charged (see Figure 78. Internal equivalent
schematic of the TS488 in standby mode). A time required to change the internal circuit is a few microseconds
Figure 78. Internal equivalent schematic of the TS488 in standby mode
25K
25K
600K
600K
Vin1
BYPASS
Vin2
Vout1
Vout2
GND
TS488
5.9
Wake-up time
When the standby is released to put the device ON, the bypass capacitor Cb is charged immediately. As Cb is
directly linked to the bias of the amplifier, the bias does not work properly until the Cb voltage is correct. The time
to reach this voltage plus a time delay of 20 ms (pop precaution) is called the wake-up time or tWU; it is specified
in the electrical characteristics table with Cb = 1 µF.
TS488
Decoupling of the circuit
DS4579 - Rev 8
page 23/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com