Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4994 Datasheet (PDF) - STMicroelectronics

TS4994 Datasheet PDF - STMicroelectronics
Part # TS4994_V01
Download  TS4994 Download
File Size   479.37 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1W differential input/output audio power amplifier with selectable standby

TS4994 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4994 Datasheet PDF - STMicroelectronics

Part # TS4994_V01
Download  TS4994 Click to download

File Size   479.37 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1W differential input/output audio power amplifier with selectable standby

TS4994 Datasheet (HTML) - STMicroelectronics


TS4994 Product details

Features
■ Differential inputs
■ Near-zero pop & click
■ 100dB PSRR @ 217Hz with grounded inputs
■ Operating range from VCC = 2.5V to 5.5V
■ 1W rail-to-rail output power @ VCC = 5V,
THD = 1%, F = 1kHz, with 8Ω load
■ 90dB CMRR @ 217Hz
■ Ultra-low consumption in standby mode (10nA)
■ Selectable standby mode (active low or active
high)
■ Ultra fast startup time: 15ms typ.
■ Available in DFN10 3x3 (0.5mm pitch) &
MiniSO-8
■ All lead-free packages

Applications
■ Mobile phones (cellular / cordless)
■ Laptop / notebook computers
■ PDAs
■ Portable audio devices




Similar Part No. - TS4994_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4994EIJT STMICROELECTRONICS-TS4994EIJT Datasheet
673Kb / 35P
1.2 W differential input/output audio power amplifier with selectable standby
12-Dec-2006
TS4994EIKJT STMICROELECTRONICS-TS4994EIKJT Datasheet
673Kb / 35P
1.2 W differential input/output audio power amplifier with selectable standby
12-Dec-2006
TS4994FC STMICROELECTRONICS-TS4994FC Datasheet
673Kb / 35P
1.2 W differential input/output audio power amplifier with selectable standby
12-Dec-2006
TS4994IQT STMICROELECTRONICS-TS4994IQT Datasheet
762Kb / 31P
1W Differential Input/Output Audio Power Amplifier with Selectable Standby
logo
Texas Instruments
TS4994IQT TI-TS4994IQT Datasheet
485Kb / 35P
1W differential input/output audio power amplifier with selectable standby
More results


Similar Description - TS4994_V01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4874 NSC-LM4874 Datasheet
869Kb / 21P
2.1W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
logo
STMicroelectronics
TS4871 STMICROELECTRONICS-TS4871 Datasheet
1Mb / 28P
OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Jun-2003
TS4872 STMICROELECTRONICS-TS4872 Datasheet
960Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Oct-2002
TS4890 STMICROELECTRONICS-TS4890 Datasheet
833Kb / 32P
RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jun-2003
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
1W Differential Input/Output Audio Power Amplifier with Selectable Standby
logo
National Semiconductor ...
LM4869 NSC-LM4869 Datasheet
832Kb / 20P
1.9W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
logo
Texas Instruments
TS4994 TI-TS4994_06 Datasheet
485Kb / 35P
1W differential input/output audio power amplifier with selectable standby
logo
STMicroelectronics
TS4994FC STMICROELECTRONICS-TS4994FC Datasheet
673Kb / 35P
1.2 W differential input/output audio power amplifier with selectable standby
12-Dec-2006
TS4872 STMICROELECTRONICS-TS4872_05 Datasheet
1,018Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Apr-2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com