Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60X Datasheet (PDF) - STMicroelectronics

SPC563M60X Datasheet PDF - STMicroelectronics
Part # SPC563M60X
Download  SPC563M60X Download
File Size   2266.33 Kbytes
Page   128 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Power Architecture based MCU for automotive powertrain applications

SPC563M60X Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC563M60X Datasheet PDF - STMicroelectronics

Part # SPC563M60X
Download  SPC563M60X Click to download

File Size   2266.33 Kbytes
Page   128 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Power Architecture based MCU for automotive powertrain applications

SPC563M60X Datasheet (HTML) - STMicroelectronics


SPC563M60X Product details

Features
 Single issue, 32-bit Power Architecture® Book
E compliant e200z335 CPU core complex
– Includes Variable Length Encoding (VLE)
enhancements for code size reduction
 32-channel Direct Memory Access controller
(DMA)
 Interrupt Controller (INTC) capable of handling
364 selectable-priority interrupt sources: 191
peripheral interrupt sources, 8 software
interrupts and 165 reserved interrupts.
 Frequency-Modulated Phase-Locked Loop
(FMPLL)
 Calibration External Bus Interface (EBI)(a)
 System Integration Unit (SIU)
 Up to 1.5 Mbyte on-chip Flash with Flash
controller
– Fetch Accelerator for single cycle Flash
access @80 MHz
 Up to 94 Kbyte on-chip static RAM (including
up to 32 Kbyte standby RAM)
 Boot Assist Module (BAM)
 32-channel second-generation enhanced Time
Processor Unit (eTPU)
– 32 standard eTPU channels
– Architectural enhancements to improve
code efficiency and added flexibility
 16-channels enhanced Modular Input-Output
System (eMIOS)
 Enhanced Queued Analog-to-Digital Converter
(eQADC)
 Decimation filter (part of eQADC)
 Silicon die temperature sensor
 2 Deserial Serial Peripheral Interface (DSPI)
modules (compatible with Microsecond Bus)
 2 enhanced Serial Communication Interface
(eSCI) modules compatible with LIN
 2 Controller Area Network (FlexCAN) modules
that support CAN 2.0B
 Nexus Port Controller (NPC) per IEEE-ISTO
5001-2003 standard
 IEEE 1149.1 (JTAG) support
 Nexus interface
 On-chip voltage regulator controller that
provides 1.2 V and 3.3 V internal supplies from
a 5 V external source.
 Designed for LQFP144, and LQFP176




Similar Part No. - SPC563M60X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC563M64AVB144 STMICROELECTRONICS-SPC563M64AVB144 Datasheet
61Kb / 6P
Allows system calibration regardless of availability of standard MCU external bus
13-Sep-2013
SPC563M64AVB176 STMICROELECTRONICS-SPC563M64AVB176 Datasheet
101Kb / 6P
SPC563Mxx microcontroller family calibration and emulation system
10-Sep-2012
SPC563M64CAL144 STMICROELECTRONICS-SPC563M64CAL144 Datasheet
66Kb / 7P
SPC563M64CALxx microcontroller family calibration and emulation system
17-Sep-2013
SPC563M64CAL176 STMICROELECTRONICS-SPC563M64CAL176 Datasheet
66Kb / 7P
SPC563M64CALxx microcontroller family calibration and emulation system
17-Sep-2013
SPC563M64L5 STMICROELECTRONICS-SPC563M64L5 Datasheet
421Kb / 48P
Calibration external bus interface
17-Sep-2013
More results


Similar Description - SPC563M60X

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
ARM-based 32-bit MCU
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
32-bit Power Architecture® based MCU for automotive powertrain applications
06-Jul-2017
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com