Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60X Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 4Page - STMicroelectronics SPC563M60X Datasheet HTML 5Page - STMicroelectronics SPC563M60X Datasheet HTML 6Page - STMicroelectronics SPC563M60X Datasheet HTML 7Page - STMicroelectronics SPC563M60X Datasheet HTML 8Page - STMicroelectronics SPC563M60X Datasheet HTML 9Page - STMicroelectronics SPC563M60X Datasheet HTML 10Page - STMicroelectronics SPC563M60X Datasheet HTML 11Page - STMicroelectronics SPC563M60X Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 128 page
background image
Overview
SPC563M64x, SPC563M60x
8/128
DocID14642 Rev 12
2
Overview
This document provides electrical specifications, pin assignments, and package diagrams
for the SPC563Mxx series of microcontroller units (MCUs). For functional characteristics,
refer to the SPC563Mxx Microcontroller Reference Manual.
The SPC563Mxx series microcontrollers are system-on-chip devices that are built on Power
Architecture® technology and:
Are 100% user-mode compatible with the Power Architecture instruction set
Contain enhancements that improve the architecture’s fit in embedded applications
Include additional instruction support for digital signal processing (DSP)
Integrate technologies such as an enhanced time processor unit, enhanced queued
analog-to-digital converter, Controller Area Network, and an enhanced modular input-
output system
Operating Parameters
–
Fully static operation, 0 MHz – 80 MHz (plus 2% frequency modulation - 82 MHz)
–
–40
C – 150 C junction temperature operating range
–
Low power design
Less than 400 mW power dissipation (nominal)
Designed for dynamic power management of core and peripherals
Software controlled clock gating of peripherals
Low power stop mode, with all clocks stopped
–
Fabricated in 90 nm process
–
1.2 V internal logic
High performance e200z335 core processor
Advanced microcontroller bus architecture (AMBA) crossbar switch (XBAR)
Enhanced direct memory access (eDMA) controller
Interrupt controller (INTC)
–
191 peripheral interrupt request sources, plus 165 reserved positions
–
Low latency—three clocks from receipt of interrupt request from peripheral to
interrupt request to processor
Frequency Modulating Phase-locked loop (FMPLL)
Calibration bus interface (EBI) (available only in the calibration package)
System integration unit (SIU) centralizes control of pads, GPIO pins and external
interrupts.
Error correction status module (ECSM) provides configurable error-correcting codes
(ECC) reporting
Up to 1.5 MB on-chip flash memory
Up to 94 KB on-chip static RAM
Boot assist module (BAM) enables and manages the transition of MCU from reset to
user code execution from internal flash memory, external memory on the calibration
bus or download and execution of code via FlexCAN or eSCI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com