Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60X Datasheet(PDF) 80 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 80 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 76Page - STMicroelectronics SPC563M60X Datasheet HTML 77Page - STMicroelectronics SPC563M60X Datasheet HTML 78Page - STMicroelectronics SPC563M60X Datasheet HTML 79Page - STMicroelectronics SPC563M60X Datasheet HTML 80Page - STMicroelectronics SPC563M60X Datasheet HTML 81Page - STMicroelectronics SPC563M60X Datasheet HTML 82Page - STMicroelectronics SPC563M60X Datasheet HTML 83Page - STMicroelectronics SPC563M60X Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 128 page
background image
Electrical characteristics
SPC563M64x, SPC563M60x
80/128
DocID14642 Rev 12
The following component configuration is acceptable when using the BCP68 transistor,
however, is not recommended for new designs. Either option 1 or option 2 should be used
for new designs. This option should not be used with the NJD2873 transistor.
4.6.2
Recommended power transistors
The following NPN transistors are recommended for use with the on-chip voltage regulator
controller: ON SemiconductorTM BCP68T1 or NJD2873 as well as Philips SemiconductorTM
BCP68. The collector of the external transistor is preferably connected to the same voltage
supply source as the output stage of the regulator.
4.7
Power up/down sequencing
There is no power sequencing required among power sources during power up and power
down, in order to operate within specification but use of the following sequence is strongly
recommended when the internal regulator is bypassed:
5 V
 3.3 V and 1.2 V
This is also the normal sequence when the internal regulator is enabled.
Although there are no power up/down sequencing requirements to prevent issues like latch-
up, excessive current spikes, etc., the state of the I/O pins during power up/down varies
Table 19. Network 3 component values
Component
Symbol
Minimum
Typical
Maximum
Units
Comment
Transistor emitter
bypass capacitance
CE
4 x 3.4
4 x 6.8
4 x 9.18
µF
X7R, -50%/+35%
RESR
550
m
Equivalent ESR of
CE capacitors
MCU decoupling
capacitor
CD
4 x 110
4 x 220
4 x 297
nF
X7R, -50%/+35%
Base “snubber”
capacitor
CB
1.1
2.2
2.97
µF
X7R, -50%/+35%
Base “snubber” resistor
RB
13.5
15
16.5
±10%
Emitter resistor
RE
00
0
Not required
(short)
Table 20. Recommended operating characteristics
Symbol
Parameter
Value
Unit
hFE ()
DC current gain (Beta)
60 – 550
—
PD
Absolute minimum power dissipation
>1.0
(1.5 preferred)
W
ICMaxDC
Minimum peak collector current
1.0
A
VCESAT
Collector-to-emitter saturation voltage
200–600(1)
mV
VBE
Base-to-emitter voltage
0.4–1.0
V
1.
Adjust resistor at bipolar transistor collector for 3.3 V/5.0 V to avoid VCE < VCESAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com