Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60X Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 9Page - STMicroelectronics SPC563M60X Datasheet HTML 10Page - STMicroelectronics SPC563M60X Datasheet HTML 11Page - STMicroelectronics SPC563M60X Datasheet HTML 12Page - STMicroelectronics SPC563M60X Datasheet HTML 13Page - STMicroelectronics SPC563M60X Datasheet HTML 14Page - STMicroelectronics SPC563M60X Datasheet HTML 15Page - STMicroelectronics SPC563M60X Datasheet HTML 16Page - STMicroelectronics SPC563M60X Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
DocID14642 Rev 12
13/128
SPC563M64x, SPC563M60x
Overview
127
– Provided by hardware connection to processor or read from register
–
Each interrupt source can be programmed to one of 16 priorities
–Preemption
– Preemptive prioritized interrupt requests to processor
– ISR at a higher priority preempts ISRs or tasks at lower priorities
– Automatic pushing or popping of preempted priority to or from a LIFO
– Ability to modify the ISR or task priority. Modifying the priority can be used to
implement the Priority Ceiling Protocol for accessing shared resources.
–
Low latency—three clocks from receipt of interrupt request from peripheral to
interrupt request to processor
Frequency Modulating Phase-locked loop (FMPLL)
–
Reference clock pre-divider (PREDIV) for finer frequency synthesis resolution
–
Reduced frequency divider (RFD) for reducing the FMPLL output clock frequency
without forcing the FMPLL to re-lock
–
System clock divider (SYSDIV) for reducing the system clock frequency in normal
or bypass mode
–
Input clock frequency range from 4 MHz to 20 MHz before the pre-divider, and
from 4 MHz to 16 MHz at the FMPLL input
–
Voltage controlled oscillator (VCO) range from 256 MHz to 512 MHz
–
VCO free-running frequency range from 25 MHz to 125 MHz
–
Four bypass modes: crystal or external reference with PLL on or off
–
Two normal modes: crystal or external reference
–
Programmable frequency modulation
– Triangle wave modulation
– Register programmable modulation frequency and depth
–
Lock detect circuitry reports when the FMPLL has achieved frequency lock and
continuously monitors lock status to report loss of lock conditions
– User-selectable ability to generate an interrupt request upon loss of lock
– User-selectable ability to generate a system reset upon loss of lock
–
Clock quality monitor (CQM) module provides loss-of-clock detection for the
FMPLL reference and output clocks
– User-selectable ability to generate an interrupt request upon loss of clock
– User-selectable ability to generate a system reset upon loss of clock
– Backup clock (reference clock or FMPLL free-running) can be applied to the
system in case of loss of clock
Calibration bus interface (EBI)
–
Available only in the calibration package (496 CSP package)
–
1.8 V to 3.3 V ± 10% I/O (1.6 V to 3.6 V)
–
Memory controller with support for various memory types
–
16-bit data bus, up to 22-bit address bus
–
Selectable drive strength
–
Configurable bus speed modes
–Bus monitor
–
Configurable wait states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com