Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60X Datasheet(PDF) 30 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 30 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 26Page - STMicroelectronics SPC563M60X Datasheet HTML 27Page - STMicroelectronics SPC563M60X Datasheet HTML 28Page - STMicroelectronics SPC563M60X Datasheet HTML 29Page - STMicroelectronics SPC563M60X Datasheet HTML 30Page - STMicroelectronics SPC563M60X Datasheet HTML 31Page - STMicroelectronics SPC563M60X Datasheet HTML 32Page - STMicroelectronics SPC563M60X Datasheet HTML 33Page - STMicroelectronics SPC563M60X Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 128 page
background image
Overview
SPC563M64x, SPC563M60x
30/128
DocID14642 Rev 12
were performing when the trigger occurred. The eQADC supports software and external
hardware triggers from other blocks to initiate transfers of commands from the queues to the
on-chip ADCs or to the external device. It also monitors the fullness of command queues
and result queues, and accordingly generates DMA or interrupt requests to control data
movement between the queues and the system memory, which is external to the eQADC.
The ADCs also support features designed to allow the direct connection of high impedance
acoustic sensors that might be used in a system for detecting engine knock. These features
include differential inputs; integrated variable gain amplifiers for increasing the dynamic
range; programmable pull-up and pull-down resistors for biasing and sensor diagnostics.
The eQADC also integrates a programmable decimation filter capable of taking in ADC
conversion results at a high rate, passing them through a hardware low pass filter, then
down-sampling the output of the filter and feeding the lower sample rate results to the result
FIFOs. This allows the ADCs to sample the sensor at a rate high enough to avoid aliasing of
out-of-band noise; while providing a reduced sample rate output to minimize the amount
DSP processing bandwidth required to fully process the digitized waveform.
The eQADC provides the following features:
Dual on-chip ADCs
–2
 12-bit ADC resolution
–
Programmable resolution for increased conversion speed (12 bit, 10 bit, 8 bit)
12-bit conversion time – 1
s (1M sample/sec)
10-bit conversion time – 867 ns (1.2M sample/second)
8-bit conversion time – 733 ns (1.4M sample/second)
–
Up to 10-bit accuracy at 500 KSample/s and 9-bit accuracy at 1 MSample/s
–
Differential conversions
–
Single-ended signal range from 0 to 5 V
–
Variable gain amplifiers on differential inputs (
1, 2, 4)
–
Sample times of 2 (default), 8, 64 or 128 ADC clock cycles
–
Provides time stamp information when requested
–
Parallel interface to eQADC CFIFOs and RFIFOs
–
Supports both right-justified unsigned and signed formats for conversion results
Up to 34(d) input channels (accessible by both ADCs)
23 additional internal channels for measuring control and monitoring voltages inside
the device
–
Including Core voltage, I/O voltage, LVI voltages, etc.
An internal bandgap reference to allow absolute voltage measurements
4 pairs of differential analog input channels
–
Programmable pull-up/pull-down resistors on each differential input for biasing
and sensor diagnostic (200 k
, 100 k, 5 k)
Silicon die temperature sensor
–
provides temperature of silicon as an analog value
–
read using an internal ADC analog channel
d.
176-pin package has 34 input channels; 144-pin package has 32 input channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com