Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60X Datasheet(PDF) 79 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 79 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 75Page - STMicroelectronics SPC563M60X Datasheet HTML 76Page - STMicroelectronics SPC563M60X Datasheet HTML 77Page - STMicroelectronics SPC563M60X Datasheet HTML 78Page - STMicroelectronics SPC563M60X Datasheet HTML 79Page - STMicroelectronics SPC563M60X Datasheet HTML 80Page - STMicroelectronics SPC563M60X Datasheet HTML 81Page - STMicroelectronics SPC563M60X Datasheet HTML 82Page - STMicroelectronics SPC563M60X Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 128 page
background image
DocID14642 Rev 12
79/128
SPC563M64x, SPC563M60x
Electrical characteristics
127
Table 17, Table 18 and Table 19 show the required component values for the three different
options.
Table 16. Required external PMC component values
Component
Symbol
Minimum
Typical
Maximum
Units
Comment
Pass Transistor
T1
NJD2873 or
BCP68
VDDREG capacitor
CREG
10
µF
X7R, -50%/+35%
Pass transistor Collector
bypass capacitor
CC
13.3
µF
X7R, -50%/+35%
Collector resistor(1)
RC
1.1
—
5.6
1.
The collector resistor may not be required. It depends on the allowable power dissipation of the pass transistor (T1).
Table 17. Network 1 component values
Component
Symbol
Minimum
Typical
Maximum
Units
Comment
Transistor emitter
bypass capacitance
CE
4 x 2.35
4 x 4.7
4 x 6.35
µF
X7R, -50%/+35%
1 x 5
1 x 10
1 x 13.5
µF
X7R, -50%/+35%
RESR
550
m
Equivalent ESR of
CE capacitors
MCU decoupling
capacitor
CD
4 x 50
4 x 100
4 x 135
nF
X7R, -50%/+35%
Base “snubber”
capacitor
CB
1.1
2.2
2.97
µF
X7R, -50%/+35%
Base “snubber” resistor
RB
6.12
6.8
7.48
±10%
Emitter resistor
RE
00
0
Not required
(short)
Table 18. Network 2 component values
Component
Symbol
Minimum
Typical
Maximum
Units
Comment
Transistor emitter
bypass capacitance
CE
3 x 2.35
3 x 4.7
3 x 6.35
µF
X7R, -50%/+35%
1 x 5
1 x 10
1 x 13.5
µF
X7R, -50%/+35%
RESR
550
m
Equivalent ESR of
CE capacitors
MCU decoupling
capacitor
CD
4 x 50
4 x 100
4 x 135
nF
X7R, -50%/+35%
Base “snubber”
capacitor
CB
1.1
2.2
2.97
µF
X7R, -50%/+35%
Base “snubber” resistor
RB
910
11
±10%
Emitter resistor
RE
0.252
0.280
0.308
Not required
(short)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com