Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60X Datasheet(PDF) 69 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 69 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 65Page - STMicroelectronics SPC563M60X Datasheet HTML 66Page - STMicroelectronics SPC563M60X Datasheet HTML 67Page - STMicroelectronics SPC563M60X Datasheet HTML 68Page - STMicroelectronics SPC563M60X Datasheet HTML 69Page - STMicroelectronics SPC563M60X Datasheet HTML 70Page - STMicroelectronics SPC563M60X Datasheet HTML 71Page - STMicroelectronics SPC563M60X Datasheet HTML 72Page - STMicroelectronics SPC563M60X Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 128 page
background image
DocID14642 Rev 12
69/128
SPC563M64x, SPC563M60x
Electrical characteristics
127
VDDA
SR
Analog supply voltage(4)
Reference to VSSA
– 0.3
5.5
V
VDDE
SR
I/O supply voltage(6)
– 0.3
3.6
V
VDDEH
SR
I/O supply voltage(4)
– 0.3
5.5
V
VIN
SR
DC input voltage(7)
VDDEH powered I/O
pads
–1.0(8)
VDDEH + 0.3 V
(9)
V
VDDE powered I/O
pads
–1.0(10)
VDDE + 0.3 V
(10)
VDDA powered I/O
pads
–1.0
VDDA + 0.3 V
VDDREG
SR
Voltage regulator supply
voltage(6)
– 0.3
5.5
V
VRH
SR
Analog reference high
voltage
Reference to VRL
– 0.3
5.5
V
VSS – VSSA
SR
VSS differential voltage
– 0.1
0.1
V
VRH – VRL
SR
VREF differential voltage
(6)
– 0.3
5.5
V
VRL – VSSA
SR
VRL to VSSA differential
voltage
– 0.3
0.3
V
VSSPLL – VSS
SR
VSSPLL to VSS differential
voltage
– 0.1
0.1
V
IMAXD
SR
Maximum DC digital input
current(11)
Per pin, applies to all
digital pins
– 3
3
mA
IMAXA
SR
Maximum DC analog input
current(12)
Per pin, applies to all
analog pins
—5
mA
TJ
SR
Maximum operating
temperature range(13) – die
junction temperature
– 40.0
150.0
oC
TSTG
SR
Storage temperature range
– 55.0
150.0
oC
TSDR
SR
Maximum solder
temperature(14)
—
260.0
oC
MSL
SR
Moisture sensitivity level(15)
—3
—
1.
Functional operating conditions are given in the DC electrical specifications. Absolute maximum ratings are stress ratings
only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect device
reliability or cause permanent damage to the device.
2.
Allowed 2 V for 10 hours cumulative time, remaining time at 1.2 V +10%.
3.
The VFLASH supply is connected to VDDEH1.
4.
Allowed 6.8 V for 10 hours cumulative time, remaining time at 5 V +10%.
5.
The pin named as VRC33 is internally connected to the pads VFLASH and VRC33 in the LQFP144 package. These limits
apply when the internal regulator is disabled and VRC33 power is supplied externally.
6.
All functional non-supply I/O pins are clamped to VSS and VDDE, or VDDEH.
7.
AC signal overshoot and undershoot of up to 2.0 V of the input voltages is permitted for an accumulative duration of 60
hours over the complete lifetime of the device (injection current not limited for this duration).
Table 9. Absolute maximum ratings(1) (continued)
Symbol
Parameter
Conditions
Value
Unit
min
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com