Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60X Datasheet(PDF) 63 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 63 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 59Page - STMicroelectronics SPC563M60X Datasheet HTML 60Page - STMicroelectronics SPC563M60X Datasheet HTML 61Page - STMicroelectronics SPC563M60X Datasheet HTML 62Page - STMicroelectronics SPC563M60X Datasheet HTML 63Page - STMicroelectronics SPC563M60X Datasheet HTML 64Page - STMicroelectronics SPC563M60X Datasheet HTML 65Page - STMicroelectronics SPC563M60X Datasheet HTML 66Page - STMicroelectronics SPC563M60X Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 128 page
background image
DocID14642 Rev 12
63/128
SPC563M64x, SPC563M60x
Pinout and signal description
127
3.4
Signal details
Table 6 contains details on the multiplexed signals that appear in Table 4.
Table 5. Pad types
Pad Type
Name
Supply Voltage
Slow
pad_ssr_hv
3.0 V – 5.25 V
Medium
pad_msr_hv
3.0 V – 5.25 V
Fast
pad_fc
3.0 V – 3.6 V
MultiV
pad_multv_hv
3.0 V – 5.25 V (high swing mode)
4.5 V – 5.25 V (low swing mode)
Analog
pad_ae_hv
0.0 – 5.25 V
LVDS
pad_lo_lv
—
Table 6. Signal details
Signal
Module or Function
Description
CLKOUT
Clock Generation
SPC563Mxx clock output for the calibration bus interface
EXTAL
Clock Generation
Input pin for an external crystal oscillator or an external clock
source based on the value driven on the PLLREF pin at reset.
EXTCLK
Clock Generation
External clock input
PLLREF
Clock Generation
PLLREF is used to select whether the oscillator operates in xtal
mode or external reference mode from reset. PLLREF=0
selects external reference mode.
XTAL
Clock Generation
Crystal oscillator input
SCK_B_LVDS–
SCK_B_LVDS+
DSPI
LVDS pair used for DSPI_B TSB mode transmission
SOUT_B_LVDS–
SOUT_B_LVDS+
DSPI
LVDS pair used for DSPI_B TSB mode transmission
SCK_C_LVDS–
SCK_C_LVDS+
DSPI
LVDS pair used for DSPI_C TSB mode transmission
SOUT_C_LVDS–
SOUT_C_LVDS+
DSPI
LVDS pair used for DSPI_C TSB mode transmission
PCS_B[0]
PCS_C[0]
DSPI_B – DSPI_C
Peripheral chip select when device is in master mode—slave
select when used in slave mode
PCS_B[1:5]
PCS_C[1:5]
DSPI_B – DSPI_C
Peripheral chip select when device is in master mode—not
used in slave mode
SCK_B
SCK_C
DSPI_B – DSPI_C
DSPI clock—output when device is in master mode; input when
in slave mode
SIN_B
SIN_C
DSPI_B – DSPI_C
DSPI data in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com