Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60X Datasheet(PDF) 78 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 78 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 74Page - STMicroelectronics SPC563M60X Datasheet HTML 75Page - STMicroelectronics SPC563M60X Datasheet HTML 76Page - STMicroelectronics SPC563M60X Datasheet HTML 77Page - STMicroelectronics SPC563M60X Datasheet HTML 78Page - STMicroelectronics SPC563M60X Datasheet HTML 79Page - STMicroelectronics SPC563M60X Datasheet HTML 80Page - STMicroelectronics SPC563M60X Datasheet HTML 81Page - STMicroelectronics SPC563M60X Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 128 page
background image
Electrical characteristics
SPC563M64x, SPC563M60x
78/128
DocID14642 Rev 12
4.6.1
Regulator example
Figure 4. Core voltage regulator controller external components preferred
configuration
There are three options for the bypassing and compensation networks for the 1.2V regulator
controller. The component values in the following table are the same for all PMC network
requirements.
9a
—
CC
C
Variation of POR for rising
5 V VDDREG supply
Por5V_r –
35%
Por5V_r
Por5V_r +
50%
V
9b
Por5V_f
CC
C
Nominal POR for falling 5 V
VDDREG supply
—2.47
—
V
9c
—
CC
C
Variation of POR for falling
5 V VDDREG supply
Por5V_f –
35%
Por5V_f
Por5V_f +
50%
V
1.
Using external ballast transistor.
2.
Min range is extended to 10% since Lvi1p2 is reprogrammed from 1.2 V to 1.16 V after power-on reset.
3.
LVI for falling supply is calculated as LVI rising - LVI hysteresis.
4.
The internal voltage regulator can be disabled by tying the VDDREG pin to ground. When the internal voltage regulator is
disabled, the LVI specifications are not applicable because all LVI monitors are disabled. POR specifications remain valid
when the internal voltage regulator is disabled as long as VDDEH and VDD33 supplies are within the required ranges.
5.
This parameter is the “inrush” current of the internal 3.3V regulator when it is turned on. This spec. is the current at which
the regulator will go into current limit mode.
6.
Lvi3p3 tracks DC target variation of internal Vdd33 regulator. Minimum and maximum Lvi3p3 correspond to minimum and
maximum Vdd33 DC target respectively.
Table 15. PMC electrical characteristics (continued)
ID
Name
C
Parameter
Min
Typ
Max
Unit
Notes
Keep inductance
below 20 nH
MCU
VDDREG
VRCCTL
VDD
VSS
Keep inductance from 5V supply
power supply
to the transistor collector and
VDDREG below 1
H if not using R
C
RC
CC
5V from
CREG Required only
if RC is used
T1
RE
RB
CB
CE
CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com