Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60X Datasheet(PDF) 91 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 91 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 87Page - STMicroelectronics SPC563M60X Datasheet HTML 88Page - STMicroelectronics SPC563M60X Datasheet HTML 89Page - STMicroelectronics SPC563M60X Datasheet HTML 90Page - STMicroelectronics SPC563M60X Datasheet HTML 91Page - STMicroelectronics SPC563M60X Datasheet HTML 92Page - STMicroelectronics SPC563M60X Datasheet HTML 93Page - STMicroelectronics SPC563M60X Datasheet HTML 94Page - STMicroelectronics SPC563M60X Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 128 page
background image
DocID14642 Rev 12
91/128
SPC563M64x, SPC563M60x
Electrical characteristics
127
fsys
CC
T
System frequency in bypass mode(3)
Crystal reference
4
20
MHz
P
External reference
0
80
tCYC
CC
D System clock period
—
—
1 / fsys
ns
fLORL
fLORH
CC
D
Loss of reference frequency window(4)
Lower limit
1.6
3.7
MHz
D
Upper limit
24
56
fSCM
CC
P
Self-clocked mode frequency (5),(6)
—1.2
75
MHz
CJITTER
CC
T
CLKOUT
period
jitter(7),(8),(9),
(10)
Peak-to-peak (clock
edge to clock edge)
fSYS maximum
–5
5
% fCLK
OUT
T
Long-term jitter (avg.
over 2 ms interval)
–6
6
ns
tcst
CC
T
Crystal start-up time (11), (12)
——
10
ms
VIHEXT
CC
T
EXTAL input high voltage
Crystal Mode(13),
0.8
Vxtal 1.5V
Vxtal +
0.4
—
V
T
External
Reference(13),(14)
VRC33/2
+ 0.4
VRC33
VILEXT
CC
T
EXTAL input low voltage
Crystal Mode(13),
0.65
Vxtal1.25V
—
Vxtal –
0.4
V
T
External
Reference(13),(14)
0
VRC33/2
– 0.4
—
CC
T
XTAL load capacitance(11)
4 MHz
5
30
pF
8 MHz
5
26
12 MHz
5
23
16 MHz
5
19
20 MHz
5
16
tlpll
CC
P
PLL lock time (11),(15)
——
200
s
tdc
CC
T
Duty cycle of reference
—40
60
%
fLCK
CC
T
Frequency LOCK range
—
–6
6
% fsys
fUL
CC
T
Frequency un-LOCK range
—
–18
18
% fsys
fCS
fDS
CC
D
Modulation Depth
Center spread
±0.25
±4.0
%fsys
D
Down Spread
–0.5
–8.0
fMOD
CC
D Modulation frequency(16)
——
100
kHz
1.
Considering operation with PLL not bypassed.
2.
fVCO is calculated as follows:
— In Legacy Mode fVCO = (fcrystal / (PREDIV + 1)) * (4 * (MFD + 4))
— In Enhanced Mode fvco = (fcrystal / (EPREDIV + 1)) * (EMFD + 4)
3.
All internal registers retain data at 0 Hz.
4.
“Loss of Reference Frequency” window is the reference frequency range outside of which the PLL is in self clocked mode.
Table 28. PLLMRFM electrical specifications (VDDPLL =1.14 V to 1.32 V, VSS = VSSPLL = 0 V, TA = TL
to TH) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com