Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60X Datasheet(PDF) 93 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 93 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 89Page - STMicroelectronics SPC563M60X Datasheet HTML 90Page - STMicroelectronics SPC563M60X Datasheet HTML 91Page - STMicroelectronics SPC563M60X Datasheet HTML 92Page - STMicroelectronics SPC563M60X Datasheet HTML 93Page - STMicroelectronics SPC563M60X Datasheet HTML 94Page - STMicroelectronics SPC563M60X Datasheet HTML 95Page - STMicroelectronics SPC563M60X Datasheet HTML 96Page - STMicroelectronics SPC563M60X Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 128 page
background image
DocID14642 Rev 12
93/128
SPC563M64x, SPC563M60x
Electrical characteristics
127
Table 30. eQADC conversion specifications (operating)
Symbol
C
Parameter
Value
Unit
min
max
fADCLK
SR
— ADC clock (ADCLK) frequency
2
16
MHz
CC
CC
D Conversion cycles
2 + 13
128 + 14
ADCLK
cycles
TSR
CC
C Stop mode recovery time(1)
—10
s
—
CC
D Resolution(2)
1.25
—
mV
OFFNC
CC
C Offset error without calibration
0
160
Counts
OFFWC
CC
C Offset error with calibration
–4
4
Counts
GAINNC
CC
C Full scale gain error without calibration
–160
0
Counts
GAINWC
CC
C Full scale gain error with calibration
–4
4
Counts
IINJ
CC
T
Disruptive input injection current (3), (4), (5), (6)
–3
3
mA
EINJ
CC
T
Incremental error due to injection current(6),(7),(8)
–4
4
Counts
TUE8
CC
C Total unadjusted error (TUE) at 8 MHz(9)
–4
4
Counts
TUE16
CC
C Total unadjusted error at 16 MHz(10)
–8
8
Counts
SNR
CC
T
Signal to Noise Ratio(11)
55.2
dB
THD
CC
T
Total Harmonic Distorsion
70.0
dB
SFDR
CC
T
Spurious Free Dynamic Range
65.0
dB
SINAD
CC
T
Signal to Noise and Distorsion
55.0
dB
ENOB
CC
T
Effective Number of Bits
8.8
Counts
GAINVGA1
CC
–
Variable gain amplifier accuracy (gain=1)(12)
CC
C
INL
8 MHz ADC
–4
4
Counts(13)
CC
C
16 MHz ADC
–8
8
Counts
CC
C
DNL
8 MHz ADC
–3(14)
3(14)
Counts
CC
C
16 MHz ADC
–3(14)
3(14)
Counts
GAINVGA2
CC
–
Variable gain amplifier accuracy (gain=2)(12)
CC
D
INL
8 MHz ADC
–5
5
Counts
CC
D
16 MHz ADC
–8
8
Counts
CC
D
DNL
8 MHz ADC
–3
3
Counts
CC
D
16 MHz ADC
–3
3
Counts
GAINVGA4
CC
–
Variable gain amplifier accuracy (gain=4)(12)
CC
D
INL
8 MHz ADC
–7
7
Counts
CC
D
16 MHz ADC
–8
8
Counts
CC
D
DNL
8 MHz ADC
–4
4
Counts
CC
D
16 MHz ADC
–4
4
Counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com